Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS57 Datasheet (PDF) - STMicroelectronics

ST93CS57 Datasheet PDF - STMicroelectronics
Part # ST93CS57
Download  ST93CS57 Download
File Size   124.5 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2K 128 x 16 SERIAL MICROWIRE EEPROM

ST93CS57 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST93CS57 Datasheet PDF - STMicroelectronics

Part # ST93CS57
Download  ST93CS57 Click to download

File Size   124.5 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2K 128 x 16 SERIAL MICROWIRE EEPROM

ST93CS57 Datasheet (HTML) - STMicroelectronics


ST93CS57 Product details

DESCRIPTION
The ST93CS56 and ST93CS57 are 2K bit Electrically Erasable Programmable Memory (EEPROM) fabricatedwith SGS-THOMSON’s High Endurance Single Polysilicon CMOS technology. The memory is accessed through a serial input D and output Q.
The 2K bit memory is organized as 128 x 16 bit words.The memory is accessed by a set of instructions which include Read, Write, Page Write, Write All and instructions used to set the memory protection. A Read instruction loads the address of the first word to be read into an internal address pointer.

■ 1 MILLION ERASE/WRITE CYCLES, with 40 YEARS DATA RETENTION
■ SELF-TIMED PROGRAMMING CYCLE with AUTO-ERASE
■ READY/BUSY SIGNAL DURING PROGRAMMING
■ SINGLE SUPPLY VOLTAGE
   – 3V to 5.5V for the ST93CS56
   – 2.5V to 5.5V for the ST93CS57
■ USER DEFINED WRITE PROTECTED AREA
■ PAGE WRITE MODE (4 WORDS)
■ SEQUENTIAL READ OPERATION
■ 5ms TYPICAL PROGRAMMING TIME
■ ST93CS56 and ST93CS57 are replaced by the M93S56




Similar Part No. - ST93CS57

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93CS46 STMICROELECTRONICS-ST93CS46 Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46B1013TR STMICROELECTRONICS-ST93CS46B1013TR Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46B3013TR STMICROELECTRONICS-ST93CS46B3013TR Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46B6013TR STMICROELECTRONICS-ST93CS46B6013TR Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46M1013TR STMICROELECTRONICS-ST93CS46M1013TR Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
More results


Similar Description - ST93CS57

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46 STMICROELECTRONICS-ST93CS46 Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS66 STMICROELECTRONICS-ST93CS66 Datasheet
124Kb / 16P
4K 256 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
2K Microwire Compatible Serial EEPROM
2003
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
2K Microwire Compatible Serial EEPROM
01/02/08
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com