Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS57 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST93CS57
Description  2K 128 x 16 SERIAL MICROWIRE EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93CS57 Datasheet(HTML) 1 Page - STMicroelectronics

  ST93CS57 Datasheet HTML 1Page - STMicroelectronics ST93CS57 Datasheet HTML 2Page - STMicroelectronics ST93CS57 Datasheet HTML 3Page - STMicroelectronics ST93CS57 Datasheet HTML 4Page - STMicroelectronics ST93CS57 Datasheet HTML 5Page - STMicroelectronics ST93CS57 Datasheet HTML 6Page - STMicroelectronics ST93CS57 Datasheet HTML 7Page - STMicroelectronics ST93CS57 Datasheet HTML 8Page - STMicroelectronics ST93CS57 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ST93CS56
ST93CS57
2K (128 x 16) SERIAL MICROWIRE EEPROM
NOT FOR NEW DESIGN
June 1997
1/16
This is information on a product still in production bu t not recommended for new de signs.
AI00896B
D
VCC
ST93CS56
ST93CS57
VSS
CQ
PRE
W
S
Figure 1. Logic Diagram
1 MILLION ERASE/WRITE CYCLES, with
40 YEARS DATA RETENTION
SELF-TIMED PROGRAMMING CYCLE with
AUTO-ERASE
READY/BUSY SIGNAL DURING
PROGRAMMING
SINGLE SUPPLY VOLTAGE
– 3V to 5.5V for the ST93CS56
– 2.5V to 5.5V for the ST93CS57
USER DEFINED WRITE PROTECTED AREA
PAGE WRITE MODE (4 WORDS)
SEQUENTIAL READ OPERATION
5ms TYPICAL PROGRAMMING TIME
ST93CS56 and ST93CS57 are replaced by
the M93S56
DESCRIPTION
The ST93CS56 and ST93CS57 are 2K bit Electri-
cally Erasable Programmable Memory (EEPROM)
fabricated with SGS-THOMSON’s High Endurance
Single Polysilicon CMOS technology. The memory
is accessed through a serial input D and output Q.
The 2K bit memory is organized as 128 x 16 bit
words.The memory is accessed by a set of instruc-
tions which include Read, Write, Page Write, Write
All and instructions used to set the memory protec-
tion. A Read instruction loads the address of the
first word to be read into an internal address
pointer.
S
Chip Select Input
D
Serial Data Input
Q
Serial Data Output
C
Serial Clock
PRE
Protect Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.4mm Frame


Similar Part No. - ST93CS57

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93CS46 STMICROELECTRONICS-ST93CS46 Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46B1013TR STMICROELECTRONICS-ST93CS46B1013TR Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46B3013TR STMICROELECTRONICS-ST93CS46B3013TR Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46B6013TR STMICROELECTRONICS-ST93CS46B6013TR Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46M1013TR STMICROELECTRONICS-ST93CS46M1013TR Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
More results

Similar Description - ST93CS57

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46 STMICROELECTRONICS-ST93CS46 Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS66 STMICROELECTRONICS-ST93CS66 Datasheet
124Kb / 16P
4K 256 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
2K Microwire Compatible Serial EEPROM
2003
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
2K Microwire Compatible Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com