Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS57 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST93CS57
Description  2K 128 x 16 SERIAL MICROWIRE EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93CS57 Datasheet(HTML) 3 Page - STMicroelectronics

  ST93CS57 Datasheet HTML 1Page - STMicroelectronics ST93CS57 Datasheet HTML 2Page - STMicroelectronics ST93CS57 Datasheet HTML 3Page - STMicroelectronics ST93CS57 Datasheet HTML 4Page - STMicroelectronics ST93CS57 Datasheet HTML 5Page - STMicroelectronics ST93CS57 Datasheet HTML 6Page - STMicroelectronics ST93CS57 Datasheet HTML 7Page - STMicroelectronics ST93CS57 Datasheet HTML 8Page - STMicroelectronics ST93CS57 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Figure 3. AC Testing Input Output Waveforms
Input Rise and Fall Times
≤ 20ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
AC MEASUREMENT CONDITIONS
Note that Output Hi-Z is defined as the point where data
is no longer driven.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
5
pF
COUT
Output Capacitance
VOUT =0V
5
pF
Note: 1. Sampled only, not 100% tested.
Table 3. Capacitance (1)
(TA =25
°C, f = 1 MHz )
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±2.5
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC,
Q in Hi-Z
±2.5
µA
ICC
Supply Current (TTL Inputs)
S = VIH, f = 1 MHz
3
mA
Supply Current (CMOS Inputs)
S = VIH, f = 1 MHz
2
mA
ICC1
Supply Current (Standby)
S = VSS,C = VSS
50
µA
VIL
Input Low Voltage (ST93CS56,57)
4.5V
≤ VCC ≤ 5.5V
–0.1
0.8
V
Input Low Voltage (ST93CS56)
3V
≤ VCC ≤ 5.5V
–0.1
0.2 VCC
V
Input Low Voltage (ST93CS57)
2.5V
≤ VCC ≤ 5.5V
–0.1
0.2 VCC
V
VIH
Input High Voltage (ST93CS56,57)
4.5V
≤ VCC ≤ 5.5V
2
VCC +1
V
Input High Voltage (ST93CS56)
3V
≤ VCC ≤ 5.5V
0.8 VCC
VCC +1
V
Input High Voltage (ST93CS57)
2.5V
≤ VCC ≤ 5.5V
0.8 VCC
VCC +1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
IOL =10
µA
0.2
V
VOH
Output High Voltage
IOH = –400
µA
2.4
V
IOH = –10
µAVCC – 0.2
V
Table 4. DC Characteristics (TA = 0 to 70
°C or –40 to 85°C; VCC = 3V to 5.5V for ST93CS56 and
VCC = 2.5V to 5.5V for ST93CS57)
3/16
ST93CS56, ST93CS57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com