Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START540 Datasheet (PDF) - STMicroelectronics

START540 Datasheet PDF - STMicroelectronics
Part # START540
Download  START540 Download
File Size   70.86 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NPN Silicon RF Transistor

START540 Datasheet (PDF)

Go To PDF Page Download Datasheet
START540 Datasheet PDF - STMicroelectronics

Part # START540
Download  START540 Click to download

File Size   70.86 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NPN Silicon RF Transistor

START540 Datasheet (HTML) - STMicroelectronics


START540 Product details

DESCRIPTION
The START540 is a member of the START family that provide the market with the state of the art of RF silicon process. Manufacturated in the third generation of ST proprietary bipolar process, it offers the highest linearity with excellent Noise Figure for 4.5V breakdown voltage(BVceo). It reaches performance level only achieved with GaAs products before.

• LOW NOISE FIGURE: NFmin = 0.9dB @ 1.8GHz, 5mA, 2V
• HIGH OUTPUT IP3 = 24dBm @ 1.8GHz, 20mA, 2V
• GOOD RUGGEDNESS BVceo = 4.5V
• TRANSITION FREQUENCY 45GHz
• ULTRA MINIATURE SOT343 PACKAGE

APPLICATIONS
• LNA FOR GSM/DCS, DECT, PDC, PCS, PCN, CDMA, W-CDMA
• GENERAL PURPOSE 500MHz-5GHz




Similar Part No. - START540

ManufacturerPart #DatasheetDescription
logo
PowerData Technologies ...
START 2 POWERDATATECHNOLOGIES-START 2 Datasheet
172Kb / 1P
Modular under desk power & data products
START 3 POWERDATATECHNOLOGIES-START 3 Datasheet
172Kb / 1P
Modular under desk power & data products
START 5 POWERDATATECHNOLOGIES-START 5 Datasheet
172Kb / 1P
Modular under desk power & data products
START 7 POWERDATATECHNOLOGIES-START 7 Datasheet
172Kb / 1P
Modular under desk power & data products
START X POWERDATATECHNOLOGIES-START X Datasheet
172Kb / 1P
Modular under desk power & data products
More results


Similar Description - START540

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com