Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO-PC730R-906 Datasheet (PDF) - Fox Electronics

FXO-PC730R-906 Datasheet PDF - Fox Electronics
Part # FXO-PC730R-906
Download  FXO-PC730R-906 Download
File Size   331.95 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVPECL 7 x 5mm 3.3V Oscillator

FXO-PC730R-906 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXO-PC730R-906 Datasheet PDF - Fox Electronics

Part # FXO-PC730R-906
Download  FXO-PC730R-906 Click to download

File Size   331.95 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVPECL 7 x 5mm 3.3V Oscillator

FXO-PC730R-906 Datasheet (HTML) - Fox Electronics




Similar Part No. - FXO-PC730R-906

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-PC735R-100 FOX-FXO-PC735R-100 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-PC735R-155.52 FOX-FXO-PC735R-155.52 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-PC735R-156.25 FOX-FXO-PC735R-156.25 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-PC735R-200 FOX-FXO-PC735R-200 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-PC735R-312.5 FOX-FXO-PC735R-312.5 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
More results


Similar Description - FXO-PC730R-906

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
LVPECL 7 x 5mm 2.5V Oscillator
logo
EUROQUARTZ limited
XOPL72 EUROQUARTZ-XOPL72 Datasheet
282Kb / 1P
7 x 5mm Programmable LVPECL Oscillator
logo
Fox Electronics
FXO-PC735RGB-125 FOX-FXO-PC735RGB-125 Datasheet
208Kb / 2P
LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com