Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO-D4 Datasheet (PDF) - Fox Electronics

VCXO-D4 Datasheet PDF - Fox Electronics
Part # VCXO-D4
Download  VCXO-D4 Download
File Size   264.81 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.3V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR

VCXO-D4 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCXO-D4 Datasheet PDF - Fox Electronics

Part # VCXO-D4
Download  VCXO-D4 Click to download

File Size   264.81 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.3V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR

VCXO-D4 Datasheet (HTML) - Fox Electronics




Similar Part No. - VCXO-D4

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
VCXO-D4LF FOX-VCXO-D4LF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
VCXO-D4RLF FOX-VCXO-D4RLF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
More results


Similar Description - VCXO-D4

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT83027 VAISH-VT83027 Datasheet
70Kb / 3P
27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
K1536BLC MTRONPTI-K1536BLC Datasheet
291Kb / 2P
3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
K1536CLC MTRONPTI-K1536CLC Datasheet
303Kb / 2P
3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCXO-C FOX-VCXO-C Datasheet
268Kb / 1P
5.0V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
AiT Semiconductor Inc.
KODF AITSEMI-KODF Datasheet
268Kb / 1P
THRU-HOLE CRYSTAL OSCILLATOR
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com