Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet (PDF) - Infineon Technologies AG

C167CS Datasheet PDF - Infineon Technologies AG
Part # C167CS
Download  C167CS Download
File Size   3818.36 Kbytes
Page   517 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller

C167CS Datasheet (PDF)

Go To PDF Page Download Datasheet
C167CS Datasheet PDF - Infineon Technologies AG

Part # C167CS
Download  C167CS Click to download

File Size   3818.36 Kbytes
Page   517 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller

C167CS Datasheet (HTML) - Infineon Technologies AG


C167CS Product details

Introduction

The rapidly growing area of embedded control applications is representing one of the most time-critical operating environments for today’s microcontrollers. Complex control algorithms have to be processed based on a large number of digital as well as analog input signals, and the appropriate output signals must be generated within a defined maximum response time. Embedded control applications also are often sensitive to board space, power consumption, and overall system cost.



Summary of Basic Features

The C167CS is an improved representative of the Infineon family of full featured 16-bit single-chip CMOS microcontrollers. It combines high CPU performance (up to 12.5/16.5 million instructions per second) with high peripheral functionality and means for power reduction.

Several key features contribute to the high performance of the C167CS (the indicated timings refer to a CPU clock of 25/33 MHz).



High Performance 16-bit CPU with Four-Stage Pipeline

• 80/60 ns minimum instruction cycle time, with most instructions executed in 1 cycle

• 400/300 ns multiplication (16-bit × 16-bit), 800/600 ns division (32-bit/16-bit)

• Multiple high bandwidth internal data buses

• Register based design with multiple variable register banks

• Single cycle context switching support

• 16 MBytes linear address space for code and data (Von Neumann architecture)

• System stack cache support with automatic stack overflow/underflow detection



Control Oriented Instruction Set with High Efficiency

• Bit, byte, and word data types

• Flexible and efficient addressing modes for high code density

• Enhanced boolean bit manipulation with direct addressability of 6 Kbits for peripheral control and user defined flags

• Hardware traps to identify exception conditions during runtime

• HLL support for semaphore operations and efficient data access



Integrated On-Chip Memory

• 3 KByte internal RAM for variables, register banks, system stack and code

• 8 KByte on-chip high-speed XRAM for variables, user stack and code

• 32 KByte on-chip ROM (not for ROMless devices)



External Bus Interface

• Multiplexed or demultiplexed bus configurations

• Segmentation capability and chip select signal generation

• 8-bit or 16-bit data bus

• Bus cycle characteristics selectable for five programmable address areas



16-Priority-Level Interrupt System

• 56 interrupt nodes with separate interrupt vectors

• 240/180 ns typical interrupt latency (400/300 ns maximum) in case of internal program execution

• Fast external interrupts



8-Channel Peripheral Event Controller (PEC)

• Interrupt driven single cycle data transfer

• Transfer count option (std. CPU interrupt after programmable number of PEC transfers)

• Eliminates overhead of saving and restoring system state for interrupt requests



Intelligent On-Chip Peripheral Subsystems

• 24-channel 10-bit A/D Converter with programmable conversion time (7.76 µs minimum), auto scan modes, channel injection mode

• Two 16-channel Capture/Compare Units with 2 independent time bases each, very flexible PWM unit/event recording unit with different operating modes, includes four 16-bit timers/counters, maximum resolution fCPU/8

• 4-channel PWM unit

• Two Multifunctional General Purpose Timer Units

   GPT1: Three 16-bit timers/counters, maximum resolution fCPU/8

   GPT2: Two 16-bit timers/counters, maximum resolution fCPU/4

• Asynchronous/Synchronous Serial Channels (USART) with baud rate generator, parity, framing, and overrun error detection

• High Speed Synchronous Serial Channel programmable data length and shift direction

• Two on-chip CAN Bus Modules, Rev. 2.0B active

• Real Time Clock

• Watchdog Timer with programmable time intervals

• Bootstrap Loader for flexible system initialization



111 IO Lines with Individual Bit Addressability

• Tri-stated in input mode

• Selectable input thresholds (not on all pins)

• Push/pull or open drain output mode

• Programmable port driver control



Different Temperature Ranges

• 0 to + 70 °C, – 40 to + 85 °C, – 40 to + 125 °C



 




Similar Part No. - C167CS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C167CS-4R INFINEON-C167CS-4R Datasheet
1Mb / 80P
16-Bit Single-Chip Microcontroller
V2.0, June 2000
C167CS-4R INFINEON-C167CS-4R Datasheet
975Kb / 81P
16-Bit Single-Chip Microcontroller
V2.2, Aug. 2001
C167CS-4R INFINEON-C167CS-4R_01 Datasheet
975Kb / 81P
16-Bit Single-Chip Microcontroller
V2.2, Aug. 2001
C167CS-L INFINEON-C167CS-L Datasheet
1Mb / 80P
16-Bit Single-Chip Microcontroller
V2.0, June 2000
C167CS-L INFINEON-C167CS-L Datasheet
975Kb / 81P
16-Bit Single-Chip Microcontroller
V2.2, Aug. 2001
More results


Similar Description - C167CS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com