Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V61C51161024 Datasheet (PDF) - Mosel Vitelic, Corp

V61C51161024 Datasheet PDF - Mosel Vitelic, Corp
Part # V61C51161024
Download  V61C51161024 Download
File Size   61.73 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 64K x 16 HIGH SPEED STATIC RAM

V61C51161024 Datasheet (PDF)

Go To PDF Page Download Datasheet
V61C51161024 Datasheet PDF - Mosel Vitelic, Corp

Part # V61C51161024
Download  V61C51161024 Click to download

File Size   61.73 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 64K x 16 HIGH SPEED STATIC RAM

V61C51161024 Datasheet (HTML) - Mosel Vitelic, Corp


V61C51161024 Product details

Description
The V61C51161024 is a 1,048,576-bit static random-access memory organized as 65,536 words by 16 bits. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.

Features
■ High-speed: 10, 12, 15 ns
■ All inputs and outputs directly TTL compatible
■ Three state outputs
■ Byte Control Pins
■ Single 5V ± 10% Power Supply
■ Packages
   – 44-pin TSOP (Standard)
   – 44-pin 400 mil SOJ




Similar Part No. - V61C51161024

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
128K X 8 HIGH SPEED STATIC RAM
V61C518256 MOSEL-V61C518256 Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
V61C518256-10R MOSEL-V61C518256-10R Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
V61C518256-10T MOSEL-V61C518256-10T Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
V61C518256-12R MOSEL-V61C518256-12R Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
More results


Similar Description - V61C51161024

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
64K x 16 HIGH SPEED STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com