Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055 Datasheet (PDF) - STMicroelectronics

STLC3055 Datasheet PDF - STMicroelectronics
Part # STLC3055
Download  STLC3055 Download
File Size   153.98 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT

STLC3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC3055 Datasheet PDF - STMicroelectronics

Part # STLC3055
Download  STLC3055 Click to download

File Size   153.98 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT

STLC3055 Datasheet (HTML) - STMicroelectronics


STLC3055 Product details

DESCRIPTION
The STLC3055 is a SLIC device specifically designed for WLL (Wireless Local Loop) and ISDNTerminal Adaptors. One of the distinctive characteristic of this device is the ability to operate with a single supply voltage (from +5.5V to +15.8V) and self generate the negative battery by means of an on chip DC/DC converter controller that drives an external MOS switch

■ MONOCHIP SLIC OPTIMISED FOR WLL &
    ISDN-TA APPLICATIONS
■ IMPLEMENT ALL KEY FEATURES OF THE
    BORSHT FUNCTION
■ SINGLE SUPPLY (5.5 TO 15.8V)
■ BUILT IN DC/DC CONVERTER CONTROLLER.
■ SOFT BATTERY REVERSAL WITH PROGRAMMABLE TRANSITION TIME.
■ ON-HOOK TRANSMISSION.
■ PROGRAMMABLE OFF-HOOK DETECTOR
    THRESHOLD
■ METERING PULSE GENERATION AND FILTER
■ INTEGRATED RINGING
■ INTEGRATED RING TRIP
■ PARALLEL CONTROL INTERFACE (3.3V
    LOGIC LEVEL)
■ PROGRAMMABLE CONSTANT CURRENT
    FEED
■ SURFACE MOUNT PACKAGE
■ INTEGRATED THERMAL PROTECTION
■ -40 TO +85°C OPERATING RANGE




Similar Part No. - STLC3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
More results


Similar Description - STLC3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3065 STMICROELECTRONICS-STLC3065 Datasheet
194Kb / 27P
WLL SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com