Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3065 Datasheet (PDF) - STMicroelectronics

STLC3065 Datasheet PDF - STMicroelectronics
Part # STLC3065
Download  STLC3065 Download
File Size   194.47 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WLL SUBSCRIBER LINE INTERFACE CIRCUIT

STLC3065 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC3065 Datasheet PDF - STMicroelectronics

Part # STLC3065
Download  STLC3065 Click to download

File Size   194.47 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WLL SUBSCRIBER LINE INTERFACE CIRCUIT

STLC3065 Datasheet (HTML) - STMicroelectronics


STLC3065 Product details

DESCRIPTION
The STLC3065 is a SLIC device specifically designed for WLL (Wireless Local Loop) application. One of the distinctive characteristics of this device is the ability to operate with a single supply voltage (from +5.5V to +15.8V) and self generate the negative battery by means of an on chip DC/DC converter controller that drives an externalMOS switch.

■ MONOCHIP SLIC OPTIMISED FOR WLL APPLICATIONS
■ IMPLEMENT ALL KEY FEATURES OF THE BORSHT FUNCTION
■ SINGLE SUPPLY (5.5 TO 15.8V)
■ BUILT IN DC/DC CONVERTER CONTROLLER.
■ SOFT BATTERY REVERSAL WITH PROGRAMMABLE TRANSITION TIME.
■ ON-HOOK TRANSMISSION.
■ PROGRAMMABLE OFF-HOOK DETECTOR THRESHOLD
■ METERING PULSE GENERATION AND FILTER
■ INTEGRATED RINGING
■ INTEGRATED RING TRIP
■ DUAL 2W PORT FOR DATA/VOICE OPERATION
■ PARALLEL CONTROL INTERFACE (3.3V LOGIC LEVEL)
■ PROGRAMMABLE CONSTANT CURRENT FEEDER
■ SURFACE MOUNT PACKAGE
■ INTEGRATED THERMAL PROTECTION
■ -40 TO +85°C OPERATING RANGE




Similar Part No. - STLC3065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
STLC3055Q STMICROELECTRONICS-STLC3055Q Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
STLC3055QTR STMICROELECTRONICS-STLC3055QTR Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
More results


Similar Description - STLC3065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com