Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3065 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC3065
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC3065 Datasheet HTML 1Page - STMicroelectronics STLC3065 Datasheet HTML 2Page - STMicroelectronics STLC3065 Datasheet HTML 3Page - STMicroelectronics STLC3065 Datasheet HTML 4Page - STMicroelectronics STLC3065 Datasheet HTML 5Page - STMicroelectronics STLC3065 Datasheet HTML 6Page - STMicroelectronics STLC3065 Datasheet HTML 7Page - STMicroelectronics STLC3065 Datasheet HTML 8Page - STMicroelectronics STLC3065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
MOS switch.
The self generated battery voltage tracks the line
resistance. In this way the power dissipation in-
side the device is low enough to allow the use of
small SMD package (TQFP44).
Other useful characteristics for application in the
WLL environment are the integrated ringing gen-
erator and the dual two wire port that allows to
drive two different terminal equipment whether
the transmission is voice or data. When one port
is transmitting the other one is idle.
The control interface is a parallel type with open
drain output and 3.3V logic levels.
The metering pulses are generated on chip start-
ing from two logic signals (0, 3.3V) one defines
the metering pulse frequency and the other the
metering pulse duration. An on chip circuit then
provides the proper shaping and filtering.
Metering pulse amplitude and shaping (rising and
decay time) can be programmed by external com-
ponents. A dedicated cancellation circuit avoid
possible CODEC input saturation due to Metering
pulse echo.
Constant current feed can be set from 20mA to
40mA.
Off-hook detection threshold is programmable
from 5mA to 9mA.
The device, developed in BCD100II technology
(100V process), operates in the extended tem-
perature range and integrates a thermal protec-
tion that set the device in power down when Tj
exceeds 140
°C.
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
DET1
P2
P1
D1
D0
D2
CTTX2
CTTX1
CKTTX
DET2
DET
RLIM
AGND
CVCC
RSENSE
GATE
VPOS
CSVR
ILTF
RD
IREF
RTH
D96TL273B
12
13
14
15
16
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vpos
Positive Supply Voltage
-0.4 to +17
V
A/BGND
AGND to BGND
-1 to +1
V
Vdig
Pin D0, D1, D2, P1, P2, DET, DET1, DET2 CKTTX
-0.4 to 5.5
V
Tj
Max. junction Temperature
150
°C
Vbtot
(1)
Vbtot=|Vpos|+|Vbat|. (Total voltage applied to the device
supply pins).
100
V
(1) Vbat is self generated by the on chip DC/DC converter and can be programmed via RF1 and RF2.
RF1 and RF2 shall be selected in order to fulfil the a.m limits (see External Components Table page 13)
DESCRIPTION (continued)
STLC3065
2/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com