Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3065 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC3065
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC3065 Datasheet HTML 8Page - STMicroelectronics STLC3065 Datasheet HTML 9Page - STMicroelectronics STLC3065 Datasheet HTML 10Page - STMicroelectronics STLC3065 Datasheet HTML 11Page - STMicroelectronics STLC3065 Datasheet HTML 12Page - STMicroelectronics STLC3065 Datasheet HTML 13Page - STMicroelectronics STLC3065 Datasheet HTML 14Page - STMicroelectronics STLC3065 Datasheet HTML 15Page - STMicroelectronics STLC3065 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
External Components List
In order to properly define the external compo-
nents value the following system parameters
have to be defined:
The AC input impedance shown by the SLIC at
the line terminals ”Zs” to which the return loss
measurement is referred. It can be real (typ.
600
Ω) or complex.
The AC balance impedance, it is the equiva-
lent impedance of the line ”Zl” used for evalu-
ation of the trans-hybrid loss performances
(2/4 wire conversion). It is usually a complex
impedance.
The value of the two protection resistors Rp in
series with the line termination.
The line impedance at the TTX frequency
”Zlttx”.
The metering pulse level amplitude measured
at line termination ”VLOTTX”. In case of low or-
der filtering, VLOTTX represents the amplitude
(Vrms) of the fundamental frequency compo-
nent. (typ 12 or 16KHz).
Pulse metering envelope rise and decay time
constant ”t”.
The slope of the ringing waveform ”
∆VTR/∆T”.
The value of the constant current limit current
”Ilim”.
The value of the off-hook current threshold
”ITH”.
The value of the ring trip rectified average
threshold current ”IRTH”.
The value of the required self generated nega-
tive battery ”VBATR” in ring mode (max value is
70V). This value can be obtained from the de-
sired ring peak level +5V.
The value of the maximum current peak sunk
from Vpos ”IPK”.
STLC3065
12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com