Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3065 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC3065
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC3065 Datasheet HTML 1Page - STMicroelectronics STLC3065 Datasheet HTML 2Page - STMicroelectronics STLC3065 Datasheet HTML 3Page - STMicroelectronics STLC3065 Datasheet HTML 4Page - STMicroelectronics STLC3065 Datasheet HTML 5Page - STMicroelectronics STLC3065 Datasheet HTML 6Page - STMicroelectronics STLC3065 Datasheet HTML 7Page - STMicroelectronics STLC3065 Datasheet HTML 8Page - STMicroelectronics STLC3065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
FUNCTIONAL DESCRIPTION
The STLC3065 is a device specifically developed
for WLL application.
It is based on a SLIC core, on purpose optimised
for this application, with the addition of a DC/DC
converter controller and a dual port in order to ful-
fil the WLL requirements.
The SLIC core performs the standard feeding,
signalling and transmission functions.
It can be set in three different operating modes
via the D0, D1, D2 pins of the control logic inter-
face (0 to 3.3V logic levels). The loop status is
carried out on the DET pin (active low).The DET
pin is an open drain output to allow easy interfac-
ing with both 3.3V and 5V logic levels.
The three possible SLIC core operating modes
are:
Power Down (PWD)
Active
Ringing
Table 1 shows how to set the different SLIC core
operating modes.
Table 1. SLIC core operating modes.
D0
D1
D2
Operating Mode
0
0
X
Power Down
0
1
0
Active Normal Polarity
0
1
1
Active Reverse Polarity
1
1
0
Active TTX injection (N.P.)
1
1
1
Active TTX injection (R.P.)
1
0
0/1
Ring (D2 bit toggles @ fring)
N.
Name
Function
35
VBAT
Regulated battery voltage self generated by the device via DC/DC converter. Must be shorted
to VBAT1.
23
GATE
Driver for external Power MOS transistor.
21
VF
Feedback input for DC/DC converter controller.
22
CLK
Power Switch Controller Clock (typ. 125KHz). From version marked STLC3065 A5, this pin
can also be connected to CVCC or AGND. When the CLK pin is connected to CVCC an
internal auto-oscillation is internally generated and it is used instead of the external clock.
When the CLK pin is connected to AGND, the GATE output is disabled.
24
RSENSE
Voltage input for current sensing. RSENSE should be connected close to this pin and VPOS
pin. The PCB layout should minimize the extra resistance introduced by the copper tracks.
1
D0
Control Interface: input bit 0.
2
D1
Control Interface: input bit 1.
3
D2
Control interface: input bit 2.
4
P1
Control Interface: port 1 selection bit
5
P2
Control Interface: port 2 selection bit
8
DET
Logic interface output of the supervision detector (active low).
6
DET1
Logic interface output of thr linr port 1 detector (active low)
7
DET2
Logic interface output of thr linr port 2 detector (active low)
33
CSVR
Battery supply filter capacitor.
12
RTTX
Metering pulse cancellation buffer output. TTX filter network should be connected to this point.
If not used should be left open.
13
FTTX
Metering pulse buffer input this signal is sent to the line and used to perform TTX filtering.
10
CTTX1
Metering burst shaping external capacitor.
11
CTTX2
Metering burst shaping external capacitor.
9
CKTTX
Metering pulse clock input (12 KHz or 16KHz square wave).
44
VBAT1
Frame connection. Must be shorted to VBAT.
38,39,
40
NC
Not connected.
PIN DESCRIPTION (continued)
STLC3065
4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com