Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC3055
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC3055 Datasheet HTML 1Page - STMicroelectronics STLC3055 Datasheet HTML 2Page - STMicroelectronics STLC3055 Datasheet HTML 3Page - STMicroelectronics STLC3055 Datasheet HTML 4Page - STMicroelectronics STLC3055 Datasheet HTML 5Page - STMicroelectronics STLC3055 Datasheet HTML 6Page - STMicroelectronics STLC3055 Datasheet HTML 7Page - STMicroelectronics STLC3055 Datasheet HTML 8Page - STMicroelectronics STLC3055 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
Typ.
60
°C/W
PIN DESCRIPTION
N.
Name
Function
25
VPOS
Positive supply input ranging from 5.5V to 15.8V.
34
BGND
Battery Ground, must be shorted with AGND.
27
AGND
Analog Ground, must be shorted with BGND.
16
ZAC
AC impedance synthesis.
15
ZAC1
RX buffer output, the AC impedance is connected from this node to ZAC.
17
RS
Protection resistors image (the image resistor is connected from this node to ZAC).
18
ZB
Balance Network for 2 to 4 wire conversion (the balance impedance ZB is connected from this
node to AGND. ZA impedance is connected from this node to ZAC1).
20
TX
4 wire output port (TX output). The signal is referred to AGND. If connected to single supply
CODEC input it must be DC decoupled with proper capacitor.
14
RX
4 wire input port (RX input); 300K
Ω input impedance. This signal is referred to AGND. If
connected to single supply CODEC output it must be DC decoupled with proper capacitor.
19
CAC
AC feedback input, AC/DC split capacitor (CAC).
32
ILTF
Transversal line current image output.
41
TIP
2 wire port; TIP wire (Ia is the current sourced from this pin).
37
RING
2 wire port; RING wire (Ib is the current sunk into this pin).
28
RLIM
Constant current feed programming pin (via RLIM). RLIM should be connected close to this
pin and PCB layout should avoid noise injection on this pin.
30
RTH
Off-hook threshold programming pin (via RTH). RTH should be connected close to this pin
and PCB layout should avoid noise injection on this pin.
29
IREF
Internal bias current setting pin. RREF should be connected close to this pin and PCB layout
should avoid noise injection on this pin.
43
CREV
Reverse polarity transition time control. One proper capacitor connected between this pin and
AGND is setting the reverse polarity transition time. This is the same transition time used to
shape the ”trapezoidal ringing” during ringing injection.
31
RD
DC feedback and ring trip input. RD should be connected close to this pin and PCB layout
should avoid noise injection on this pin.
OPERATING RANGE
Symbol
Parameter
Value
Unit
Vpos
Positive Supply Voltage
5.5 to +15.8
V
A/BGND
AGND to BGND
-100 to +100
V
Vdig
Pin D0, D1, D2, DET, CKTTX, PD
-0.25 to 5.25
V
Top
Ambient Operating Temperature Range
-40 to +85
°C
Vbat
(1)
Self Generated Battery Voltage
-74 max.
V
(1) Vbat is self generated by the on chip DC/DC converter and can be programmed via RF1 and RF2.
RF1 and RF2 shall be selected in order to fulfil the a.m limits (see External Components Table page 10)
STLC3055
3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com