Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC3055
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC3055 Datasheet HTML 12Page - STMicroelectronics STLC3055 Datasheet HTML 13Page - STMicroelectronics STLC3055 Datasheet HTML 14Page - STMicroelectronics STLC3055 Datasheet HTML 15Page - STMicroelectronics STLC3055 Datasheet HTML 16Page - STMicroelectronics STLC3055 Datasheet HTML 17Page - STMicroelectronics STLC3055 Datasheet HTML 18Page - STMicroelectronics STLC3055 Datasheet HTML 19Page - STMicroelectronics STLC3055 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
APPENDIX A
STLC3055 Test Circuits
Referring to the application diagram shown in fig. 7 of the STLC3055 datasheet and using as external
components the Typ. Values specified in the ”External Components” Table (page 13) find below the
proper configuration for each measurement.
All measurements requiring DC current termination should be performed using ”Wandel & Goltermann
DC Loop Holding Circuit GH-1” or equivalent.
TIP
RING
RX
TX
STLC3055
application
circuit
W&G GH1
Zref
E
Vs
1Kohm
1Kohm
100
µF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
100
µF
Figure A1. 2W Return Loss
2WRL = 20Log(|Zref + Zs|/|Zref-Zs|) = 20Log(E/2Vs)
TIP
RING
RX
TX
STLC3055
application
circuit
W&G GH1
Vrx
Vtx
100
µF
100
µF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
Figure A2. THL Trans Hybrid Loss
THL = 20Log|Vrx/Vtx|
STLC3055
16/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com