Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD112 Datasheet (PDF) - STMicroelectronics

STLVD112 Datasheet PDF - STMicroelectronics
Part # STLVD112
Download  STLVD112 Download
File Size   184.12 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED PROTECTION SWITCH

STLVD112 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVD112 Datasheet PDF - STMicroelectronics

Part # STLVD112
Download  STLVD112 Click to download

File Size   184.12 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED PROTECTION SWITCH

STLVD112 Datasheet (HTML) - STMicroelectronics


STLVD112 Product details

DESCRIPTION
The STLVD112 is a low voltage differential to LVTTL signal converter with enhanced loop-back and crosspoint features. The synchronous design allows a phase alignment between a clock and its data; this means a better BER (Bit Error Rate) performance.
The advanced 0.35µm technology makes the STLVD112 suitable for data rates up to 200Mbit. The main application field is SDH/SONET telecom infrastructure. The STLVD112 flexible switch architecture makes it easy to implement multiple protection schemes in STM1 access systems.

■ 24mA CMOS OUTPUT DRIVE CURRENT
■ LVTTL INPUT THRESHOLDS
■ CONTROLLED SKEW BETWEEN DATA AND CLOCK SIGNALS
■ LVDS INPUT-OUTPUT UP TO 155 MHZ
■ IMPROVED LATCH-UP IMMUNITY UP TO 300mA




Similar Part No. - STLVD112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
STLVD111BF STMICROELECTRONICS-STLVD111BF Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
More results


Similar Description - STLVD112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
July 29, 2010
logo
Murata Manufacturing Co...
LXES2TBBB4-028 MURATA-LXES2TBBB4-028 Datasheet
257Kb / 4P
High Speed Communication Line Protection
LXES4XBAA6-027 MURATA-LXES4XBAA6-027 Datasheet
276Kb / 4P
High Speed Communication Line Protection
logo
ON Semiconductor
NUP4107UPMU ONSEMI-NUP4107UPMU Datasheet
94Kb / 3P
High Speed Data Line Protection
November, 2008 ??Rev. P0
logo
Microchip Technology
USB3740B MICROCHIP-USB3740B Datasheet
197Kb / 19P
High Speed USB 2.0 Switch with ESD Protection
01/27/15
logo
Pericom Semiconductor C...
PI3USB42 PERICOM-PI3USB42 Datasheet
496Kb / 7P
USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
ON Semiconductor
FUSB252 ONSEMI-FUSB252 Datasheet
871Kb / 18P
Type-C CC with High Speed Digital Port Protection Switch
January 2017 Rev. 1.5
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com