Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVD112
Description  HIGH SPEED PROTECTION SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD112 Datasheet(HTML) 1 Page - STMicroelectronics

  STLVD112 Datasheet HTML 1Page - STMicroelectronics STLVD112 Datasheet HTML 2Page - STMicroelectronics STLVD112 Datasheet HTML 3Page - STMicroelectronics STLVD112 Datasheet HTML 4Page - STMicroelectronics STLVD112 Datasheet HTML 5Page - STMicroelectronics STLVD112 Datasheet HTML 6Page - STMicroelectronics STLVD112 Datasheet HTML 7Page - STMicroelectronics STLVD112 Datasheet HTML 8Page - STMicroelectronics STLVD112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2003
s
24mA CMOS OUTPUT DRIVE CURRENT
s
LVTTL INPUT THRESHOLDS
s
CONTROLLED SKEW BETWEEN DATA AND
CLOCK SIGNALS
s
LVDS INPUT-OUTPUT UP TO 155 MHZ
s
IMPROVED LATCH-UP IMMUNITY UP TO
300mA
DESCRIPTION
The STLVD112 is a low voltage differential to
LVTTL signal converter with enhanced loop-back
and crosspoint features. The synchronous design
allows a phase alignment between a clock and its
data; this means a better BER (Bit Error Rate)
performance.
The advanced 0.35µm technology makes the
STLVD112 suitable for data rates up to 200Mbit.
The main application field is SDH/SONET telecom
infrastructure. The STLVD112 flexible switch
architecture makes it easy to implement multiple
protection schemes in STM1 access systems.
Thanks to the flexible multiplexing allowed, it
becomes simple to redirect the data/clock signal
coming from the faulty access card to the spare
card. In normal mode the STLVD112 converts the
differential data levels of the LVDS and related
clock signal from (to) the line interface in LVTTL
level signals to (from) the backpanel. In addition
the switch functions prevent the equipment from
line interface faults. In fact, it is possible to switch
the signals coming from a different line interface to
the local line interface or the signals from the local
line interface to a different line interface.
ORDERING CODES
Type
Temperature
Range
Package
Comments
STLVD112BTR
-40 to 85 °C
TSSOP48 (Tape & Reel)
1000 parts per reel
STLVD112CTR
0 to 70 °C
TSSOP48 (Tape & Reel)
1000 parts per reel
STLVD112
HIGH SPEED PROTECTION SWITCH
TSSOP


Similar Part No. - STLVD112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
STLVD111BF STMICROELECTRONICS-STLVD111BF Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
More results

Similar Description - STLVD112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
July 29, 2010
logo
Murata Manufacturing Co...
LXES2TBBB4-028 MURATA-LXES2TBBB4-028 Datasheet
257Kb / 4P
High Speed Communication Line Protection
LXES4XBAA6-027 MURATA-LXES4XBAA6-027 Datasheet
276Kb / 4P
High Speed Communication Line Protection
logo
ON Semiconductor
NUP4107UPMU ONSEMI-NUP4107UPMU Datasheet
94Kb / 3P
High Speed Data Line Protection
November, 2008 ??Rev. P0
logo
Microchip Technology
USB3740B MICROCHIP-USB3740B Datasheet
197Kb / 19P
High Speed USB 2.0 Switch with ESD Protection
01/27/15
logo
Pericom Semiconductor C...
PI3USB42 PERICOM-PI3USB42 Datasheet
496Kb / 7P
USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
ON Semiconductor
FUSB252 ONSEMI-FUSB252 Datasheet
871Kb / 18P
Type-C CC with High Speed Digital Port Protection Switch
January 2017 Rev. 1.5
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com