Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD112 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVD112
Description  HIGH SPEED PROTECTION SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD112 Datasheet(HTML) 4 Page - STMicroelectronics

  STLVD112 Datasheet HTML 1Page - STMicroelectronics STLVD112 Datasheet HTML 2Page - STMicroelectronics STLVD112 Datasheet HTML 3Page - STMicroelectronics STLVD112 Datasheet HTML 4Page - STMicroelectronics STLVD112 Datasheet HTML 5Page - STMicroelectronics STLVD112 Datasheet HTML 6Page - STMicroelectronics STLVD112 Datasheet HTML 7Page - STMicroelectronics STLVD112 Datasheet HTML 8Page - STMicroelectronics STLVD112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STLVD112
4/11
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
INPUTS
OUTPUT
Ki
Kloop_sp
Kloop_i
DATAsp_out
LOW
LOW
X
DATAprev_in
HIGH
LOW
X
DATA_in
X
HIGH
X
DATAsp_in
INPUTS
OUTPUT
Ki
Kloop_sp
Kloop_i
LOSch
X
X
LOW
LOSi
X
X
HIGH
LOW
INPUTS
OUTPUT
Ki
Kloop_sp
Kloop_i
LOSsp
LOW
LOW
X
LOSprev
HIGH
LOW
X
LOSi
X
HIGH
X
LOW
Symbol
Parameter
Value
Unit
VS1, VS2
Supply Voltage
-0.3 to 4.6
V
VS2
Supply Voltage
-0.3 to (VS1 + 0.3)
V
VI
DC Input Voltage
-0.3 to (VS1 + 0.3)
V
VO
DC Output Voltage
-0.3 to (VS1 + 0.3)
V
Iik
DC Input Diode Clamp Current
±20
mA
Iok
DC Output Diode Clamp Current
±20
mA
IO
DC Output Current
±50
mA
TL
Lead Temperature (10sec)
300
°C
Tstg
Storage Temperature Range
-65 to 150
°C
Symbol
Parameter
Value
Unit
VS1, VS2
Supply Voltage
3 to 3.6
V
VS2
Supply Voltage
3 to (VS1 + 0.3)
V
VI
DC Input Voltage
0 to VS1
V
VO
DC Output Voltage
0 to VS1
V
Top
Operating Temperature
-45 to 85
°C
dt/dv
Maximum Input Rise and Fall Time
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com