Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4028 Datasheet (PDF) - STMicroelectronics

M74HC4028 Datasheet PDF - STMicroelectronics
Part # M74HC4028
Download  M74HC4028 Download
File Size   283.84 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BCD TO DECIMAL DECODER

M74HC4028 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4028 Datasheet PDF - STMicroelectronics

Part # M74HC4028
Download  M74HC4028 Click to download

File Size   283.84 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BCD TO DECIMAL DECODER

M74HC4028 Datasheet (HTML) - STMicroelectronics


M74HC4028 Product details

DESCRIPTION
The M54/74HC4028 is a high speed CMOS BCDTO-DECIMAL DECODER fabricated in silicon gate C2MOS technology.
   
■ HIGH SPEED
    tPD = 18 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 4028B
   




Similar Part No. - M74HC4028

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4028 STMICROELECTRONICS-M74HC4028 Datasheet
245Kb / 10P
BCD TO DECIMAL DECODER
Oct-1992
M74HC4028B1R STMICROELECTRONICS-M74HC4028B1R Datasheet
245Kb / 10P
BCD TO DECIMAL DECODER
Oct-1992
M74HC4028C1R STMICROELECTRONICS-M74HC4028C1R Datasheet
245Kb / 10P
BCD TO DECIMAL DECODER
Oct-1992
M74HC4028M1R STMICROELECTRONICS-M74HC4028M1R Datasheet
245Kb / 10P
BCD TO DECIMAL DECODER
Oct-1992
More results


Similar Description - M74HC4028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
BCD-to-decimal decoder
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com