Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4028 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4028
Description  BCD TO DECIMAL DECODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4028 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4028 Datasheet HTML 1Page - STMicroelectronics M74HC4028 Datasheet HTML 2Page - STMicroelectronics M74HC4028 Datasheet HTML 3Page - STMicroelectronics M74HC4028 Datasheet HTML 4Page - STMicroelectronics M74HC4028 Datasheet HTML 5Page - STMicroelectronics M74HC4028 Datasheet HTML 6Page - STMicroelectronics M74HC4028 Datasheet HTML 7Page - STMicroelectronics M74HC4028 Datasheet HTML 8Page - STMicroelectronics M74HC4028 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
August 2001
s
HIGH SPEED:
tPD = 20ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4028
DESCRIPTION
The M74HC4028 is an high speed CMOS BCD
TO DECIMAL DECODER fabricated with silicon
gate C2MOS technology.
A BCD code applied to the four inputs (A to D)
provides a high level at the selected one of the
decimal decoded outputs. An illegal BCD code
such as eleven to fifteen gives a low level at all
outputs. The device also can be used as 3 TO 8
LINE DECODER, when D input is assigned as a
disable input.
The device is useful for code conversion, address
decoding, memory selection, demultiplexing, or
read out decoding.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4028
BCD TO DECIMAL DECODER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4028B1R
SOP
M74HC4028M1R
M74HC4028RM13TR
TSSOP
M74HC4028TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4028

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4028 STMICROELECTRONICS-M74HC4028 Datasheet
245Kb / 10P
BCD TO DECIMAL DECODER
Oct-1992
M74HC4028B1R STMICROELECTRONICS-M74HC4028B1R Datasheet
245Kb / 10P
BCD TO DECIMAL DECODER
Oct-1992
M74HC4028C1R STMICROELECTRONICS-M74HC4028C1R Datasheet
245Kb / 10P
BCD TO DECIMAL DECODER
Oct-1992
M74HC4028M1R STMICROELECTRONICS-M74HC4028M1R Datasheet
245Kb / 10P
BCD TO DECIMAL DECODER
Oct-1992
More results

Similar Description - M74HC4028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
BCD-to-decimal decoder
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com