Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4028 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4028
Description  BCD TO DECIMAL DECODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4028 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4028 Datasheet HTML 1Page - STMicroelectronics M74HC4028 Datasheet HTML 2Page - STMicroelectronics M74HC4028 Datasheet HTML 3Page - STMicroelectronics M74HC4028 Datasheet HTML 4Page - STMicroelectronics M74HC4028 Datasheet HTML 5Page - STMicroelectronics M74HC4028 Datasheet HTML 6Page - STMicroelectronics M74HC4028 Datasheet HTML 7Page - STMicroelectronics M74HC4028 Datasheet HTML 8Page - STMicroelectronics M74HC4028 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M74HC4028
2/9
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 7, 9, 14,
15
Y0 to Y9
Decoder Outputs
10, 11, 12,
13
A to D
Data Inputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
SELECTED
OUTPUT
D
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
LL
LL
H
L
L
LLL
LL
LL
Y0
LL
L
H
L
H
L
LLL
LL
LL
Y1
LL
H
L
L
L
H
LLL
LL
LL
Y2
LL
H
H
L
L
L
H
LL
LL
LL
Y3
L
H
LLL
LL
L
H
L
L
L
L
L
Y4
LH
LHL
L
L
L
LH
L
L
L
L
Y5
L
H
H
L
L
L
L
LLL
H
L
LL
Y6
L
H
H
H
L
L
L
LLL
L
H
LL
Y7
H
L
LLL
LL
LLL
LL
H
L
Y8
H
L
L
H
L
L
L
LLL
LL
L
H
Y9
H
X
H
X
L
L
L
LLL
LL
LL
NONE
H
H
X
X
L
LL
LLL
LL
LL
NONE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com