Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329A Datasheet (PDF) - STMicroelectronics

ST2329A Datasheet PDF - STMicroelectronics
Part # ST2329A
Download  ST2329A Download
File Size   450.52 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-bit dual supply level translator without direction control pin

ST2329A Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2329A Datasheet PDF - STMicroelectronics

Part # ST2329A
Download  ST2329A Click to download

File Size   450.52 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-bit dual supply level translator without direction control pin

ST2329A Datasheet (HTML) - STMicroelectronics


ST2329A Product details

Description

The ST2329A is a 2-bit dual supply level translator which provides the level shifting capability to allow data transfer in a multi-voltage system. Externally applied voltages, VCCand VL, set the logic levels on either side of the device. It utilizes transmission gate-based design that allows bidirectional level translation without a control pin.



Features

■ 90 Mbps (max) data rate when driven by a totem pole driver

■ 8 Mbps (max) data rate when driven by an open drain pole driver

■ Bidirectional level translation without direction control pin

■ Wide VLvoltage range of 1.65 to 3.6 V

■ Wide VCCvoltage range of 1.80 to 5.5 V

■ Power down mode feature – when either supply is off, all I/Os are in high impedance

■ Low quiescent current (max 12 µA)

■ Able to be driven by totem pole and open drain drivers

■ 5.5 V tolerant enable pin

■ ESD performance on all pins: ±2 kV HBM

■ Small package and footprint: QFN10L (1.8 x 1.4 mm) package



Applications

■ Low voltage system level translation

■ Mobile phones and other mobile devices

■ I2C level translation

■ UART level translation




Similar Part No. - ST2329A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329 STMICROELECTRONICS-ST2329 Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
ST2329 STMICROELECTRONICS-ST2329 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329B STMICROELECTRONICS-ST2329B Datasheet
702Kb / 23P
2-bit dual supply level translator without direction control pin, open drain output
18-Feb-2013
ST2329I STMICROELECTRONICS-ST2329I Datasheet
305Kb / 22P
2-bit dual-supply level translator with auto-direction feature and integrated pull-up
02-Mar-2011
ST2329QTR STMICROELECTRONICS-ST2329QTR Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
More results


Similar Description - ST2329A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329 STMICROELECTRONICS-ST2329 Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
4-bit dual supply level translator without direction control pin
26-Nov-2007
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2349A STMICROELECTRONICS-ST2349A Datasheet
413Kb / 23P
4-bit dual supply level translator without direction control pin
16-Jul-2008
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
4-bit dual supply level translator without direction control pin
14-Jun-2012
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
4-bit dual supply level translator without direction control pin
19-Jun-2012
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2189 STMICROELECTRONICS-ST2189 Datasheet
461Kb / 21P
8-bit dual supply level translator without direction control pin
August 2009 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com