Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129 Datasheet (PDF) - STMicroelectronics

ST2129 Datasheet PDF - STMicroelectronics
Part # ST2129
Download  ST2129 Download
File Size   505.01 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-bit dual supply level translator without direction control pin

ST2129 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2129 Datasheet PDF - STMicroelectronics

Part # ST2129
Download  ST2129 Click to download

File Size   505.01 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-bit dual supply level translator without direction control pin

ST2129 Datasheet (HTML) - STMicroelectronics


ST2129 Product details

Description
The ST2129 is a 2-bit dual supply level translator which provides the level shifting capability to allow data transfer in a multi-voltage system. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. Its architecture allows bidirectional level translation without a control pin. The ST2129 accepts VL from 1.65 to 3.6 V and VCC from 1.65 to 5.5 V, making it ideal for data transfer between low-voltage ASICs/PLD and higher voltage systems. This device has a tri-state output mode which can be used to disable all I/Os. The ST2129 supports power-down mode when VCC is grounded/floating or when the device is disabled via the OE pin. QFN10 (1.8 x 1.4 mm)

Features
■ 42 MHz: 84 Mbps (max) data rate at VL = 1.8 V, VCC = 3.3 V
■ Bidirectional level translation without direction control pin
■ Wide voltage range (VCC ≥ VL): – VL ranges from 1.65 to 3.6 V – VCC ranges from 1.65 to 5.5 V
■ Power down mode feature - when VCC supply is off, all I/Os are in high impedance
■ Totem-pole driving
■ 5.5 V tolerant enable pin
■ ESD performance on all pins : ±2 kv HBM
■ Small package and footprint: QFN10 (1.8 x 1.4 mm)

Applications
■ Low voltage system level translation
■ Mobile phones and other mobile devices




Similar Part No. - ST2129

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
More results


Similar Description - ST2129

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329 STMICROELECTRONICS-ST2329 Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
4-bit dual supply level translator without direction control pin
26-Nov-2007
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2349A STMICROELECTRONICS-ST2349A Datasheet
413Kb / 23P
4-bit dual supply level translator without direction control pin
16-Jul-2008
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
4-bit dual supply level translator without direction control pin
14-Jun-2012
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
4-bit dual supply level translator without direction control pin
19-Jun-2012
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2189 STMICROELECTRONICS-ST2189 Datasheet
461Kb / 21P
8-bit dual supply level translator without direction control pin
August 2009 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com