Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2129
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2129 Datasheet HTML 3Page - STMicroelectronics ST2129 Datasheet HTML 4Page - STMicroelectronics ST2129 Datasheet HTML 5Page - STMicroelectronics ST2129 Datasheet HTML 6Page - STMicroelectronics ST2129 Datasheet HTML 7Page - STMicroelectronics ST2129 Datasheet HTML 8Page - STMicroelectronics ST2129 Datasheet HTML 9Page - STMicroelectronics ST2129 Datasheet HTML 10Page - STMicroelectronics ST2129 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ST2129
Electrical characteristics
Doc ID 15967 Rev 1
7/20
5
Electrical characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at
TA = 25 °C.
Table 6.
DC characteristics
Symbol
Parameter
VL
VCC
Test
conditions
Value
Unit
TA = 25
°C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIHL
High level input
voltage (I/OVL)
1.65
1.65 to
5.5
1.16
–
–
1.16
–
V
1.8
1.26
–
–
1.26
–
2.5
1.75
–
–
1.75
–
3.0
2.10
–
–
2.10
–
3.6
2.52
–
–
2.52
–
VILL
Low level input
voltage (I/OVL)
1.65
1.65 to
5.5
–
–
0.50
–
0.50
V
1.8
–
–
0.54
–
0.54
2.5
–
–
0.75
–
0.75
3.0
–
–
0.90
–
0.90
3.6
–
–
1.08
–
1.08
VIHC
High level input
voltage
(I/OVCC)
1.65 to
3.6
1.65
1.16
–
–
1.16
–
V
1.8
1.26
–
–
1.26
–
2.5
1.75
–
–
1.75
–
3.0
2.10
–
–
2.10
–
3.6
2.52
–
–
2.52
–
4.3
3.01
–
–
3.01
–
5.5
3.85
–
–
3.85
–
VILC
Low level input
voltage
(I/OVCC)
1.65 to
3.6
1.65
–
–
0.50
–
0.50
V
1.8
–
–
0.54
–
0.54
2.5
–
–
0.75
–
0.75
3.0
–
–
0.90
–
0.90
3.6
–
–
1.08
–
1.08
4.3
–
–
1.29
–
1.29
5.5
–
–
1.65
–
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com