Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2129
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2129 Datasheet HTML 8Page - STMicroelectronics ST2129 Datasheet HTML 9Page - STMicroelectronics ST2129 Datasheet HTML 10Page - STMicroelectronics ST2129 Datasheet HTML 11Page - STMicroelectronics ST2129 Datasheet HTML 12Page - STMicroelectronics ST2129 Datasheet HTML 13Page - STMicroelectronics ST2129 Datasheet HTML 14Page - STMicroelectronics ST2129 Datasheet HTML 15Page - STMicroelectronics ST2129 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AC characteristics
ST2129
12/20
Doc ID 15967 Rev 1
tPZL tPZH Output enable time
15
15
ns
tPLZ tPHZ Output disable time
110
110
DR
Data rate(1)
86
89
Mbps
1.
Data rate is guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period of input I/O
signal; input I/O signal is at 50% duty-cycle and output I/O signal duty-cycle deviation is less than 50% ± 10%.
Table 10.
AC characteristics - test conditions: VL = 3.0 – 3.6 V (continued)
Symbol
Parameter
VCC = 3.0 – 3.6 V
VCC = 4.5 – 5.5 V
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com