Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST2129
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST2129 Datasheet HTML 7Page - STMicroelectronics ST2129 Datasheet HTML 8Page - STMicroelectronics ST2129 Datasheet HTML 9Page - STMicroelectronics ST2129 Datasheet HTML 10Page - STMicroelectronics ST2129 Datasheet HTML 11Page - STMicroelectronics ST2129 Datasheet HTML 12Page - STMicroelectronics ST2129 Datasheet HTML 13Page - STMicroelectronics ST2129 Datasheet HTML 14Page - STMicroelectronics ST2129 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ST2129
AC characteristics
Doc ID 15967 Rev 1
11/20
Table 9.
AC characteristics - test conditions: VL = 2.3 – 2.7 V
Symbol
Parameter
VCC = 2.3 – 2.7 V VCC = 3.0 – 3.6 V VCC = 4.5 – 5.5 V
Unit
Min
Max
Min
Max
Min
Max
tRVCC
Rise time I/OVCC
3.3
2.2
1.6
ns
tFVCC
Fall time I/OVCC
1.7
1.6
1.4
ns
tRVL
Rise time I/OVL
2.2
2.0
1.9
ns
tFVL
Fall time I/OVL
1.3
1.2
1.2
ns
tI/OVL-VCC
Propagation delay
time
I/OVL-LH to I/OVCC-
LH
I/OVL-HL to I/OVCC-
HL
tPLH
4.6
4.3
3.9
ns
tPHL
3.6
3.3
2.9
ns
tI/OVCC-VL
Propagation delay
time
I/OVCC-LH to I/OVL-
LH
I/OVCC-HL to I/OVL-
HL
tPLH
3.9
3.5
3.5
ns
tPHL
3.6
3.0
2.5
ns
tPZL tPZH Output enable time
20
20
20
ns
tPLZ tPHZ Output disable time
130
130
130
DR
Data rate(1)
84
85
88
Mbps
1.
Data rate is guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period of input I/O
signal; input I/O signal is at 50% duty-cycle and output I/O signal duty-cycle deviation is less than 50% ± 10%.
Table 10.
AC characteristics - test conditions: VL = 3.0 – 3.6 V
Symbol
Parameter
VCC = 3.0 – 3.6 V
VCC = 4.5 – 5.5 V
Unit
Min
Max
Min
Max
tRVCC
Rise time I/OVCC
–1.8
1.7
ns
tFVCC
Fall time I/OVCC
–1.3
1.2
ns
tRVL
Rise time I/OVL
–1.6
1.5
ns
tFVL
Fall time I/OVL
–1.1
1.1
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
–4.1
4.1
ns
tPHL
–2.6
2.3
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
–4.0
4.0
ns
tPHL
–2.6
2.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com