Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST2129
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129 Datasheet(HTML) 2 Page - STMicroelectronics

  ST2129 Datasheet HTML 1Page - STMicroelectronics ST2129 Datasheet HTML 2Page - STMicroelectronics ST2129 Datasheet HTML 3Page - STMicroelectronics ST2129 Datasheet HTML 4Page - STMicroelectronics ST2129 Datasheet HTML 5Page - STMicroelectronics ST2129 Datasheet HTML 6Page - STMicroelectronics ST2129 Datasheet HTML 7Page - STMicroelectronics ST2129 Datasheet HTML 8Page - STMicroelectronics ST2129 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Pin settings
ST2129
2/20
Doc ID 15967 Rev 1
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1.2
Pin description
1
2
3
4
5
8
7
6
10
9
CS00011
V
L
V
CC
I/O
VCC1
I/O
VCC2
I/O
VL1
I/O
VL2
OE
NC
NC
GND
Table 2.
Pin description
Pin number
Symbol
Name and function
1I/OVL1
Data input/output
2I/OVL2
Data input/output
3
OE
Output enable
4
NC
No connection
5
NC
No connection
6
GND
Ground
7I/OVCC2
Data input/output
8I/OVCC1
Data input/output
9VCC
Supply voltage
10
VL
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com