Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2129
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2129 Datasheet HTML 1Page - STMicroelectronics ST2129 Datasheet HTML 2Page - STMicroelectronics ST2129 Datasheet HTML 3Page - STMicroelectronics ST2129 Datasheet HTML 4Page - STMicroelectronics ST2129 Datasheet HTML 5Page - STMicroelectronics ST2129 Datasheet HTML 6Page - STMicroelectronics ST2129 Datasheet HTML 7Page - STMicroelectronics ST2129 Datasheet HTML 8Page - STMicroelectronics ST2129 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
September 2009
Doc ID 15967 Rev 1
1/20
20
ST2129
2-bit dual supply level translator
without direction control pin
Features
42 MHz: 84 Mbps (max) data rate at
VL = 1.8 V, VCC = 3.3 V
Bidirectional level translation without direction
control pin
Wide voltage range (VCC ≥ VL):
–VL ranges from 1.65 to 3.6 V
–VCC ranges from 1.65 to 5.5 V
Power down mode feature - when VCC supply
is off, all I/Os are in high impedance
Totem-pole driving
5.5 V tolerant enable pin
ESD performance on all pins : ±2 kv HBM
Small package and footprint:
QFN10 (1.8 x 1.4 mm)
Applications
Low voltage system level translation
Mobile phones and other mobile devices
Description
The ST2129 is a 2-bit dual supply level translator
which provides the level shifting capability to allow
data transfer in a multi-voltage system. Externally
applied voltages, VCC and VL, set the logic levels
on either side of the device. Its architecture allows
bidirectional level translation without a control pin.
The ST2129 accepts VL from 1.65 to 3.6 V and
VCC from 1.65 to 5.5 V, making it ideal for data
transfer between low-voltage ASICs/PLD and
higher voltage systems. This device has a tri-state
output mode which can be used to disable all
I/Os.
The ST2129 supports power-down mode when
VCC is grounded/floating or when the device is
disabled via the OE pin.
QFN10
(1.8 x 1.4 mm)
Table 1.
Device summary
Order Code
Package
Packaging
ST2129QTR
QFN10 (1.8 x 1.4 mm)
Tape & reel (3000 parts per reel)
www.st.com


Similar Part No. - ST2129

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
More results

Similar Description - ST2129

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329 STMICROELECTRONICS-ST2329 Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
4-bit dual supply level translator without direction control pin
26-Nov-2007
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2349A STMICROELECTRONICS-ST2349A Datasheet
413Kb / 23P
4-bit dual supply level translator without direction control pin
16-Jul-2008
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
4-bit dual supply level translator without direction control pin
14-Jun-2012
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
4-bit dual supply level translator without direction control pin
19-Jun-2012
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2189 STMICROELECTRONICS-ST2189 Datasheet
461Kb / 21P
8-bit dual supply level translator without direction control pin
August 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com