Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet (PDF) - STMicroelectronics

ST2189 Datasheet PDF - STMicroelectronics
Part # ST2189
Download  ST2189 Download
File Size   461.0 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit dual supply level translator without direction control pin

ST2189 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2189 Datasheet PDF - STMicroelectronics

Part # ST2189
Download  ST2189 Click to download

File Size   461.0 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit dual supply level translator without direction control pin

ST2189 Datasheet (HTML) - STMicroelectronics


ST2189 Product details

Description
The ST2189 is an 8-bit dual supply level translator which provides the level shifting capability to allow data transfer in a multi-voltage system. Externally applied voltages, VCCB and VCCA, set the logic levels on either side of the device. Its architecture allows bidirectional level translation without a control pin. The ST2189 accepts VCCA from 1.65 V to 3.6 V and VCCB from 1.65 V to 3.6 V, making it ideal for data transfer between low-voltage ASICs/PLD and higher voltage systems. This device has a tristate output mode which can be used to disable all I/Os. In power down mode feature - when VCCB supply is grounded, all I/Os go to high impedance automatically, with very low quiescent current on VCCA supply. QFN20 (1.8 x 3.2 mm)

Features
■ 46 MHz: 92 Mbps data transfer when VCCA = 3.6 V
■ Bidirectional level translation without direction control pin
■ Wide voltage range of 1.65 V to 3.6 V for both VCCA and VCCB
■ Configurable voltage translation: – VCCA can be ≥ VCCB or VCCA can be ≤ VCCB
■ Partial power down support - when VCCB is grounded, all the outputs will automatically go to high impedance.
■ Low quiescent current (5 µA)
■ ESD performance: – ±4 kV HBM (human body model)

Applications
■ Low voltage system level translation
■ Mobile phones
■ Other mobile devices




Similar Part No. - ST2189

ManufacturerPart #DatasheetDescription
logo
Timeguard
ST210 TIMEGUARD-ST210 Datasheet
334Kb / 3P
Suretime Photocell Automatic Light Switch - 2 Wire
14/02/2025
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
Broadband powerline communication SoC optimized
23-May-2014
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C30R0 IRF-ST2100C30R0 Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
ST2100C30R0L IRF-ST2100C30R0L Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
More results


Similar Description - ST2189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
4-bit dual supply level translator without direction control pin
26-Nov-2007
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2349A STMICROELECTRONICS-ST2349A Datasheet
413Kb / 23P
4-bit dual supply level translator without direction control pin
16-Jul-2008
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
4-bit dual supply level translator without direction control pin
14-Jun-2012
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
4-bit dual supply level translator without direction control pin
19-Jun-2012
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2329B STMICROELECTRONICS-ST2329B Datasheet
702Kb / 23P
2-bit dual supply level translator without direction control pin, open drain output
18-Feb-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com