Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST2189 Datasheet HTML 5Page - STMicroelectronics ST2189 Datasheet HTML 6Page - STMicroelectronics ST2189 Datasheet HTML 7Page - STMicroelectronics ST2189 Datasheet HTML 8Page - STMicroelectronics ST2189 Datasheet HTML 9Page - STMicroelectronics ST2189 Datasheet HTML 10Page - STMicroelectronics ST2189 Datasheet HTML 11Page - STMicroelectronics ST2189 Datasheet HTML 12Page - STMicroelectronics ST2189 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ST2189
Electrical characteristics
Doc ID 15918 Rev 1
9/21
Symbol
Parameter
VCCA
VCCB
Test condition
Value
Unit
TA =25 °C
-40 to 85 °C
Min
Max
Min
Max
VIL-OE
Low level
input voltage
(OE)
1.65
1.65 to
3.6
-0.3
-0.3
V
1.8
-
0.4
-
0.4
2.5
-
0.55
-
0.55
3.0
-
0.85
-
0.85
3.6
-
0.95
-
0.95
VOHA
High level
output voltage
(I/OVCCA)
1.65 to
3.6
1.65 to
3.6
IO= -60 µA
0.7
VCCA
-
0.7
VCCA
-V
VOLA
Low level
output voltage
(I/OVCCA)
IO= +60 µA
-0.4
-0.4
V
VOHB
High level
output voltage
(I/OVCCB)
1.65 to
3.6
1.65 to
3.6
IO= -60 µA
0.7
VCCB
-
0.7
VCCB
-V
VOLB
Low level
output voltage
(I/OVCCB)
IO=+60µA
-
0.4
-
0.4
V
IOE
Control input
leakage
current (OE)
1.65 to
3.6
1.65 to
3.6
VI = GND or
VCCA
-0.2
-
2
µA
IIO_LKG
High
impedance
I/O leakage
current
(I/OVCCA,
I/OVCCB)
1.65 to
3.6
1.65 to
3.6
OE = GND;
I/OVCCA = High
I/OVCCB = Low
-0.2
-
2
µA
OE = GND
I/OVCCA = Low,
I/OVCCB = High
-0.2
-
2
µA
IQVCCB
Quiescent
supply current
VCCB
1.65 to
3.6
1.65 to
3.6
OE = VCCA
I/O = Hi-Z
-0.5
-
5
µA
IQVCCA
Quiescent
supply current
VCCA
1.65 to
3.6
1.65 to
3.6
OE = VCCA
I/O = Hi-Z
-5-
7
µA
1.65 to
3.6
0-
0.3
-
3
IOE-
VCCB
High
impedance
quiescent
supply current
VCCB
1.65 to
3.6
1.65 to
3.6
OE = GND
I/O = Hi-Z
-0.5
-
5
µA
Table 6.
DC characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com