Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST2189 Datasheet HTML 10Page - STMicroelectronics ST2189 Datasheet HTML 11Page - STMicroelectronics ST2189 Datasheet HTML 12Page - STMicroelectronics ST2189 Datasheet HTML 13Page - STMicroelectronics ST2189 Datasheet HTML 14Page - STMicroelectronics ST2189 Datasheet HTML 15Page - STMicroelectronics ST2189 Datasheet HTML 16Page - STMicroelectronics ST2189 Datasheet HTML 17Page - STMicroelectronics ST2189 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Waveforms
ST2189
14/21
Doc ID 15918 Rev 1
7
Waveforms
Figure 6.
Waveform - propagation delay (f = 1 MHz, 50% duty cycle)
Table 12.
Waveform symbol value
Symbol
I/OVCCA -> I/OVCCB
I/OVCCB -> I/OVCCA
VCCB
1.65 V - 2.5V
VCCB
2.7 V - 3.6 V
VCCA
1.65 V - 2.5 V
VCCA
2.7 V - 3.6 V
VIH
VCCA
VCCA
VCCB
VCCB
VIM
50% VCCA
50% VCCA
50% VCCB
50% VCCB
VOM
50% VCCB
50% VCCB
50% VCCA
50% VCCA
VX
VOL + 0.15V
VOL + 0.3V
VOL + 0.15V
VOL + 0.3V
VY
VOH - 0.15V
VOH - 0.3V
VOH - 0.15V
VOH - 0.3V
tF
tR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com