Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2189 Datasheet HTML 1Page - STMicroelectronics ST2189 Datasheet HTML 2Page - STMicroelectronics ST2189 Datasheet HTML 3Page - STMicroelectronics ST2189 Datasheet HTML 4Page - STMicroelectronics ST2189 Datasheet HTML 5Page - STMicroelectronics ST2189 Datasheet HTML 6Page - STMicroelectronics ST2189 Datasheet HTML 7Page - STMicroelectronics ST2189 Datasheet HTML 8Page - STMicroelectronics ST2189 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
August 2009
Doc ID 15918 Rev 1
1/21
21
ST2189
8-bit dual supply level translator without direction control pin
Features
46 MHz: 92 Mbps data transfer when VCCA =
3.6 V
Bidirectional level translation without direction
control pin
Wide voltage range of 1.65 V to 3.6 V for both
VCCA and VCCB
Configurable voltage translation:
–VCCA can be VCCB or VCCA can be VCCB
Partial power down support - when VCCB is
grounded, all the outputs will automatically go
to high impedance.
Low quiescent current (5 µA)
ESD performance:
– ±4 kV HBM (human body model)
Applications
Low voltage system level translation
Mobile phones
Other mobile devices
Description
The ST2189 is an 8-bit dual supply level translator
which provides the level shifting capability to allow
data transfer in a multi-voltage system. Externally
applied voltages, VCCB and VCCA, set the logic
levels on either side of the device. Its architecture
allows bidirectional level translation without a
control pin.
The ST2189 accepts VCCA from 1.65 V to 3.6 V
and VCCB from 1.65 V to 3.6 V, making it ideal for
data transfer between low-voltage ASICs/PLD
and higher voltage systems. This device has a tri-
state output mode which can be used to disable
all I/Os.
In power down mode feature - when VCCB supply
is grounded, all I/Os go to high impedance
automatically, with very low quiescent current on
VCCA supply.
QFN20
(1.8 x 3.2 mm)
Table 1.
Device summary
Order code
Package
Packing
ST2189QTR
QFN20 (3.2 x 1.8 mm)
Tape and reel
www.st.com


Similar Part No. - ST2189

ManufacturerPart #DatasheetDescription
logo
Timeguard
ST210 TIMEGUARD-ST210 Datasheet
334Kb / 3P
Suretime Photocell Automatic Light Switch - 2 Wire
14/02/2025
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
Broadband powerline communication SoC optimized
23-May-2014
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C30R0 IRF-ST2100C30R0 Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
ST2100C30R0L IRF-ST2100C30R0L Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
More results

Similar Description - ST2189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
4-bit dual supply level translator without direction control pin
26-Nov-2007
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2349A STMICROELECTRONICS-ST2349A Datasheet
413Kb / 23P
4-bit dual supply level translator without direction control pin
16-Jul-2008
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
4-bit dual supply level translator without direction control pin
14-Jun-2012
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
4-bit dual supply level translator without direction control pin
19-Jun-2012
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2329B STMICROELECTRONICS-ST2329B Datasheet
702Kb / 23P
2-bit dual supply level translator without direction control pin, open drain output
18-Feb-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com