Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2189 Datasheet HTML 4Page - STMicroelectronics ST2189 Datasheet HTML 5Page - STMicroelectronics ST2189 Datasheet HTML 6Page - STMicroelectronics ST2189 Datasheet HTML 7Page - STMicroelectronics ST2189 Datasheet HTML 8Page - STMicroelectronics ST2189 Datasheet HTML 9Page - STMicroelectronics ST2189 Datasheet HTML 10Page - STMicroelectronics ST2189 Datasheet HTML 11Page - STMicroelectronics ST2189 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
ST2189
8/21
Doc ID 15918 Rev 1
5
Electrical characteristics
Device electrical characteristics over recommended operating conditions (unless otherwise
noted). All typical values are at TA = 25 °C.
Table 6.
DC characteristics
Symbol
Parameter
VCCA
VCCB
Test condition
Value
Unit
TA =25 °C
-40 to 85 °C
Min
Max
Min
Max
VIHA
High level
input voltage
(I/OVCCA)
1.65
1.65 to
3.6
1.2
-
1.2
-
V
1.8
1.3
-
1.3
-
2.5
1.65
-
1.65
-
3.0
2.1
-
2.1
-
3.6
2.6
-
2.6
-
VILA
Low level
input voltage
(I/OVCCA)
1.65
1.65 to
3.6
-0.3
-0.3
V
1.8
-
0.4
-
0.4
2.5
-
0.55
-
0.55
3.0
-
0.85
-
0.85
3.6
-
0.95
-
0.95
VIHB
High level
input voltage
(I/OVCCB)
1.65 to
3.6
1.65
1.2
-
1.2
-
V
1.8
1.3
-
1.3
-
2.5
1.65
-
1.65
-
3.0
2.1
-
2.1
-
3.6
2.6
-
2.6
-
VILB
Low level
input voltage
(I/OVCCB)
1.65 to
3.6
1.65
-
0.3
-
0.3
V
1.8
-
0.4
-
0.4
2.5
-
0.55
-
0.55
3.0
-
0.85
-
0.85
3.6
-
0.95
-
0.95
VIH-OE
High level
input voltage
(OE)
1.65
1.65 to
3.6
1.2
-
1.2
-
V
1.8
1.3
-
1.3
-
2.5
1.4
-
1.4
-
3.0
1.65
-
1.65
-
3.6
2.1
-
2.1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com