Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2189 Datasheet HTML 8Page - STMicroelectronics ST2189 Datasheet HTML 9Page - STMicroelectronics ST2189 Datasheet HTML 10Page - STMicroelectronics ST2189 Datasheet HTML 11Page - STMicroelectronics ST2189 Datasheet HTML 12Page - STMicroelectronics ST2189 Datasheet HTML 13Page - STMicroelectronics ST2189 Datasheet HTML 14Page - STMicroelectronics ST2189 Datasheet HTML 15Page - STMicroelectronics ST2189 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Electrical characteristics
ST2189
12/21
Doc ID 15918 Rev 1
5.2
Capacitance characteristics
Table 9.
For test conditions: VCCA = 3.6 V (load CL= 15 pF; driver tr = tf 2 ns) overtemperature
range -40 °C to 85 °C
Symbol
Parameter
VCCB = 1.65 V - 2.5 V
VCCB = 2.7 V - 3.6 V
Unit
Min
Max
Min
Max
tRVCCB
Output rise time I/OVCCB
-2.5
-
1.4
ns
tFVCCB
Output fall time I/OVCCB
-1.5
-
1.2
ns
tRVCCA
Output rise time I/OVCCA
-1.7
-
1.7
ns
tFVCCA
Output fall time I/OVCCA
-1.4
-
1.4
ns
tI/OVCCA-
VCCB
Propagation delay time
I/OVCCA-LH to I/OVCCB-LH
I/OVCCA-HL to I/OVCCB-HL
tPLH
-4.4
-
3.0
ns
tPHL
-2.6
-
2.2
ns
tI/OVCCB-
VCCA
Propagation delay time
I/OVCCB-LH to I/OVCCA-LH
I/OVCCB-HL to I/OVCCA-HL
tPLH
-3.8
-
3.0
ns
tPHL
-3.0
-
2.3
ns
tPZL tPZH
Output enable time
-
20
-
10
ns
tPLZ tPHZ
Output disable time
-
150
-
160
ns
DR
Data rate(1)
Clock
43
-
46
-
MHz
Data
86
-
92
-
Mbps
1.
Data rates are measured at worst case condition when all 8 channels are switching at the same time. Data rate is
guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period of input I/O signal; input I/O
signal is at 50% duty-cycle and output I/O signal duty-cycle deviation is less than 50% ± 10%.
Table 10.
Capacitance characteristics
Symbol
Parameter
Value
Unit
VCCA(V)
VCCB(V)
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
CINB
Input capacitance
Open
Open
-
12
-
-
-
pF
CI/O-VCCA
Input/output
capacitance for
VCCA-side
1.65 - 3.6
1.65 - 3.6
-
12
-
-
-
pF
CI/O-VCCB
Input/output
capacitance for
VCCB-side
1.65 - 3.6
1.65 - 3.6
-
12
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com