Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST2189 Datasheet HTML 2Page - STMicroelectronics ST2189 Datasheet HTML 3Page - STMicroelectronics ST2189 Datasheet HTML 4Page - STMicroelectronics ST2189 Datasheet HTML 5Page - STMicroelectronics ST2189 Datasheet HTML 6Page - STMicroelectronics ST2189 Datasheet HTML 7Page - STMicroelectronics ST2189 Datasheet HTML 8Page - STMicroelectronics ST2189 Datasheet HTML 9Page - STMicroelectronics ST2189 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Supplementary notes
ST2189
6/21
Doc ID 15918 Rev 1
3
Supplementary notes
3.1
Driver requirement
It must be ensured that the driver is able to source and sink a minimum of 1mA current on
both sides of the device. The device requires the driver to source/sink a maximum current of
(VCC/4) mA to/from the weak 4 kΩ output buffer in order to change the state of the output.
3.2
Load driving capability
To support the level translation without direction pin architecture, the one-shot transistor at
the output side is only turned ON during state transition. After the one-shot transistor is
turned OFF, only the 4 k
Ω pull-up/down resistor maintains the state of the output. As a
result, resistive load or pull-up resistor less than 50 k
Ω is not recommended.
3.3
Ensuring low current consumption during off state
The OE pin can be tied to the enable signal which is driving the enable pin of the slave
device to ensure that the device will turn off and put all I/Os to tri-state mode whenever the
slave device is not needed. On the event that the enable signal driving into the slave device
is active low, the signal going into the OE pin for ST2189 (active high) needs to be inverted
accordingly.
Alternatively, a pull-down resistor can be added to the VCCB supply. This will ensure that the
VCCB supply does not float whenever the supply is turned off. All the I/Os go to high
impedance automatically when this happens.
3.4
Truth table
Table 3.
Truth table
Enable
Bidirectional Input/Output
OE
I/OVCCB
I/OVCCA
H(1)
1.
High level VCCA power supply referred.
H(2)
2.
High level VCCB power supply referred.
H(1)
H(1)
LL
L
High-Z(3)
3.
Z = High impedance.
High-Z(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com