Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2189 Datasheet HTML 3Page - STMicroelectronics ST2189 Datasheet HTML 4Page - STMicroelectronics ST2189 Datasheet HTML 5Page - STMicroelectronics ST2189 Datasheet HTML 6Page - STMicroelectronics ST2189 Datasheet HTML 7Page - STMicroelectronics ST2189 Datasheet HTML 8Page - STMicroelectronics ST2189 Datasheet HTML 9Page - STMicroelectronics ST2189 Datasheet HTML 10Page - STMicroelectronics ST2189 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ST2189
Maximum ratings
Doc ID 15918 Rev 1
7/21
4
Maximum ratings
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
4.1
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCCA
Supply voltage
-0.3 to 4.6
V
VCCB
Supply voltage
-0.3 to 4.6
V
VOE
DC control intput voltage
-0.3 to 4.6
V
VI/OVCCA
DC I/OVCCA input voltage (OE = GND or VCCA)
-0.3 to 4.6
V
VI/OVCCB
DC I/OVCCB input voltage (OE = GND or VCCA)
-0.3 to 4.6
V
IIK
DC input diode current
-20
mA
II/OVCCA
DC output current
±25
mA
II/OVCCB
DC output current
±25
mA
TSTG
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 seconds)
300
°C
ESD
Electrostatic discharge protection (HBM)
±4
kV
Table 5.
Recommended operating conditions
Symbol
Parameter
Min.
Type
Max.
Unit
VCCA
Supply voltage
1.65
-
3.6
V
VCCB
Supply voltage
1.65
-
3.6
V
VI
Input voltage (OE output enable
pin,VCCA power supply reference)
0-
VCCA
V
VI/OVCCA I/OVCCA voltage
0
-
VCCA
V
VI/OVCCB I/OVCCB voltage
0
-
VCCB
V
TOP
Operating temperature
-40
-
85
°C
dt/dV
Input rise and fall time
-
-
1
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com