Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST2189 Datasheet HTML 9Page - STMicroelectronics ST2189 Datasheet HTML 10Page - STMicroelectronics ST2189 Datasheet HTML 11Page - STMicroelectronics ST2189 Datasheet HTML 12Page - STMicroelectronics ST2189 Datasheet HTML 13Page - STMicroelectronics ST2189 Datasheet HTML 14Page - STMicroelectronics ST2189 Datasheet HTML 15Page - STMicroelectronics ST2189 Datasheet HTML 16Page - STMicroelectronics ST2189 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ST2189
Test circuit
Doc ID 15918 Rev 1
13/21
6
Test circuit
Figure 5.
Test circuit
Table 11.
Test circuit switches
Test
CL
R1
Switch
tPLH, tPHL
15 pF
20 k
Ω
Open
tr, tf
15 pF
20 k
Ω
Open
tPZL, tPLZ
15 pF
20 k
Ω
VCCA or VCCB
tPZH, tPHZ
15 pF
20 k
Ω
GND
CS14021V2
Pulse
generator
D.U.T
C L
VCCA
V CCB
OPEN
GND
VCCA
VCCB
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com