Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2189 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST2189
Description  8-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2189 Datasheet(HTML) 2 Page - STMicroelectronics

  ST2189 Datasheet HTML 1Page - STMicroelectronics ST2189 Datasheet HTML 2Page - STMicroelectronics ST2189 Datasheet HTML 3Page - STMicroelectronics ST2189 Datasheet HTML 4Page - STMicroelectronics ST2189 Datasheet HTML 5Page - STMicroelectronics ST2189 Datasheet HTML 6Page - STMicroelectronics ST2189 Datasheet HTML 7Page - STMicroelectronics ST2189 Datasheet HTML 8Page - STMicroelectronics ST2189 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Pin settings
ST2189
2/21
Doc ID 15918 Rev 1
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1.2
Pin description
Table 2.
Pin description
Pin number
Type
Side
Symbol
Name and function
1
I/O
VCCA
A1
Input/output 1. Referenced to
VCCA
2
I/O
VCCA
A2
Input/output 2. Referenced to
VCCA
3
I/O
VCCA
A3
Input/output 3. Referenced to
VCCA
4
I/O
VCCA
A4
Input/output 4. Referenced to
VCCA
5-
VCCA
OE
Output enabled. Pull OE low to put
all output to tri-state mode.
Referenced to VCCA
6-
VCCA
VCCA
A port supply voltage. VCCA
VCCB or VCCA ≥ VCCB
7
I/O
VCCA
A5
Input/output 5. Referenced to
VCCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com