Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT1149 Datasheet (PDF) - Advanced Analogic Technologies

AAT1149 Datasheet PDF - Advanced Analogic Technologies
Part # AAT1149
Download  AAT1149 Download
File Size   1517.0 Kbytes
Page   21 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 3MHz Fast Transient 400mA Step-Down Converter

AAT1149 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1149 Datasheet PDF - Advanced Analogic Technologies

Part # AAT1149
Download  AAT1149 Click to download

File Size   1517.0 Kbytes
Page   21 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 3MHz Fast Transient 400mA Step-Down Converter

AAT1149 Datasheet (HTML) - Advanced Analogic Technologies




Similar Part No. - AAT1149

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1149 ANALOGICTECH-AAT1149 Datasheet
1Mb / 20P
3MHz Fast Transient 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1149 SKYWORKS-AAT1149 Datasheet
2Mb / 18P
3 MHz Fast Transient 400 mA Step-Down Converter
July 1, 2013
logo
Advanced Analogic Techn...
AAT1149A ANALOGICTECH-AAT1149A Datasheet
1Mb / 17P
2.2MHz Fast Transient 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1149A SKYWORKS-AAT1149A Datasheet
1Mb / 17P
Ultra-Small 0603 Inductor
logo
Advanced Analogic Techn...
AAT1149AIUV-1.875-T1 ANALOGICTECH-AAT1149AIUV-1.875-T1 Datasheet
1Mb / 17P
2.2MHz Fast Transient 400mA Step-Down Converter
More results


Similar Description - AAT1149

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146 Datasheet
767Kb / 20P
Fast Transient 400mA Step-Down Converter
AAT1147 ANALOGICTECH-AAT1147 Datasheet
645Kb / 19P
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
AAT1149 ANALOGICTECH-AAT1149 Datasheet
1Mb / 20P
3MHz Fast Transient 400mA Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
Fast Transient 400mA Step-Down Converter
AAT1149A ANALOGICTECH-AAT1149A Datasheet
1Mb / 17P
2.2MHz Fast Transient 400mA Step-Down Converter
AAT1149B ANALOGICTECH-AAT1149B Datasheet
1Mb / 17P
2.2MHz Fast Transient 400mA Step-Down Converter
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN22 SIGE-AATIAN22 Datasheet
850Kb / 11P
3MHz Fast Transient 400mA Step-Down Converter
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com