Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62C318256 Datasheet (PDF) - Mosel Vitelic, Corp

V62C318256 Datasheet PDF - Mosel Vitelic, Corp
Part # V62C318256
Download  V62C318256 Download
File Size   78.03 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 2.7 VOLT 32K X 8 STATIC RAM

V62C318256 Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C318256 Datasheet PDF - Mosel Vitelic, Corp

Part # V62C318256
Download  V62C318256 Click to download

File Size   78.03 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 2.7 VOLT 32K X 8 STATIC RAM

V62C318256 Datasheet (HTML) - Mosel Vitelic, Corp


V62C318256 Product details

Description
The V62C318256 is a 262,144-bit static random access memory organized as 32,768 words by 8 bits. It is built with MOSEL VITELIC’s high performance CMOS process. Inputs and three state outputs are TTL compatible and allow for direct interfacing with common system bus structures.

Features
■ High-speed: 35, 70 ns
■ Ultra low DC operating current of 2mA (max.)
■ Low Power Dissipation:
   – TTL Standby: 0.5 mA (Max.)
   – CMOS Standby: 10 µA (Max.)
■ Fully static operation
■ All inputs and outputs directly compatible
■ Three state outputs
■ Ultra low data retention current (VCC = 2V)
■ Extended operating voltage: 2.7V–3.6V
■ Packages
   – 28-pin TSOP (Standard)
   – 28-pin 300 mil SOP (450 mil pin-to-pin)




Similar Part No. - V62C318256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C31864 MOSEL-V62C31864 Datasheet
68Kb / 12P
2.7 VOLT 8K X 8 STATIC RAM
More results


Similar Description - V62C318256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C31864 MOSEL-V62C31864 Datasheet
68Kb / 12P
2.7 VOLT 8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
32K x 8 Static RAM
January 7, 2003
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
32K x 8 Static RAM
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
32K x 8 Static RAM
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
32K x 8 Static RAM
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
32K x 8 STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com