Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62C31864 Datasheet (PDF) - Mosel Vitelic, Corp

V62C31864 Datasheet PDF - Mosel Vitelic, Corp
Part # V62C31864
Download  V62C31864 Download
File Size   68.18 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 2.7 VOLT 8K X 8 STATIC RAM

V62C31864 Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C31864 Datasheet PDF - Mosel Vitelic, Corp

Part # V62C31864
Download  V62C31864 Click to download

File Size   68.18 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 2.7 VOLT 8K X 8 STATIC RAM

V62C31864 Datasheet (HTML) - Mosel Vitelic, Corp


V62C31864 Product details

Description
The V62C31864 is a 65,536-bit static random access memory organized as 8,192 words by 8 bits. It is built with MOSEL VITELIC’s high performance CMOS process. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.

Features
■ High-speed: 35, 70 ns
■ Ultra low DC operating current of 2mA (Max.)
■ Low Power Dissipation:
    – TTL Standby: 1 mA (Max.)
    – CMOS Standby: 10 μA (Max.)
■ Fully static operation
■ All inputs and outputs directly compatible
■ Three state outputs
■ Ultra low data retention current (VCC = 2V)
■ Extended operating voltage: 2.7V–3.6V




Similar Part No. - V62C31864

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C318256 MOSEL-V62C318256 Datasheet
78Kb / 12P
2.7 VOLT 32K X 8 STATIC RAM
More results


Similar Description - V62C31864

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C318256 MOSEL-V62C318256 Datasheet
78Kb / 12P
2.7 VOLT 32K X 8 STATIC RAM
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
8K X 8 STATIC RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
8K x 8 Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com