Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8742 Datasheet (PDF) - Maxim Integrated Products

MAX8742 Datasheet PDF - Maxim Integrated Products
Part # MAX8742
Download  MAX8742 Download
File Size   1000.04 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown

MAX8742 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8742 Datasheet PDF - Maxim Integrated Products

Part # MAX8742
Download  MAX8742 Click to download

File Size   1000.04 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown

MAX8742 Datasheet (HTML) - Maxim Integrated Products


MAX8742 Product details

General Description
The MAX8741/MAX8742 are buck-topology, step-down, switch-mode, power-supply controllers that generate logic-supply voltages in battery-powered systems. These high-performance, dual/triple-output devices include on-board power-up sequencing, power-good signaling with delay, digital soft-start, secondary winding control, low-dropout circuitry, internal frequency-compensation networks, and automatic bootstrapping.

Features
♦ 97% Efficiency
♦ 4.2V to 30V Input Range
♦ 2.5V to 5.5V Dual Adjustable Outputs
♦ Selectable 3.3V and 5V Fixed or Adjustable Outputs (Dual Mode™)
♦ 12V Linear Regulator
♦ Adjustable Secondary Feedback (MAX8741)
♦ 5V/50mA Linear-Regulator Output
♦ Precision 2.5V Reference Output
♦ Programmable Power-Up Sequencing
♦ Power-Good (RESET) Output
♦ Output Overvoltage Protection
♦ Output Undervoltage Shutdown
♦ 333kHz/500kHz Low-Noise, Fixed-Frequency Operation
♦ Low-Dropout, 98% Duty-Factor Operation
♦ 2.5mW Typical Quiescent Power (12V Input, Both SMPSs On)
♦ 4µA Typical Shutdown Current

Applications
   Notebook and Subnotebook Computers
   PDAs and Mobile Communicators
   Desktop CPU Local DC-DC Converters




Similar Part No. - MAX8742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX874 MAXIM-MAX874 Datasheet
112Kb / 8P
10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8740ETB MAXIM-MAX8740ETB Datasheet
341Kb / 12P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
MAX8743EEI MAXIM-MAX8743EEI Datasheet
864Kb / 27P
Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
More results


Similar Description - MAX8742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
logo
Texas Instruments
LM2757 TI1-LM2757_14 Datasheet
1Mb / 20P
Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
Maxim Integrated Produc...
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com