Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1 Datasheet (PDF) - Abracon Corporation

ASF1 Datasheet PDF - Abracon Corporation
Part # ASF1
Download  ASF1 Download
File Size   193.85 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR

ASF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASF1 Datasheet PDF - Abracon Corporation

Part # ASF1
Download  ASF1 Click to download

File Size   193.85 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR

ASF1 Datasheet (HTML) - Abracon Corporation




Similar Part No. - ASF1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASF1 ABRACON-ASF1 Datasheet
99Kb / 1P
5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF130 ASB-ASF130 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF130 ASB-ASF130_17 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
More results


Similar Description - ASF1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
APV ABRACON-APV Datasheet
755Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM_08 Datasheet
469Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
04.09.08
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
6215 CONNOR-WINFIELD-6215 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7215 CONNOR-WINFIELD-7215 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
HSM9 CONNOR-WINFIELD-HSM9 Datasheet
81Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
HSM93-032M CONNOR-WINFIELD-HSM93-032M Datasheet
87Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator HSM9
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com