Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1 Datasheet (PDF) - Abracon Corporation

ASF1 Datasheet PDF - Abracon Corporation
Part # ASF1
Download  ASF1 Download
File Size   99.44 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS

ASF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASF1 Datasheet PDF - Abracon Corporation

Part # ASF1
Download  ASF1 Click to download

File Size   99.44 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS

ASF1 Datasheet (HTML) - Abracon Corporation


ASF1 Product details

FEATURES:
• Compact and low in height.(1.6 mm or 1.2 mm max.)
• Suitable for high density SMT., Reflow capable.
• Low current consumption.
• Tight stability option.
• Tri state function.
• Glass sealed package.

APPLICATIONS:
• CCD clock for VTR camera.
• Equipment connected to PC or PC cards.
• Thin equipment.




Similar Part No. - ASF1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASF1 ABRACON-ASF1 Datasheet
193Kb / 2P
5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF130 ASB-ASF130 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF130 ASB-ASF130_17 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
More results


Similar Description - ASF1

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CS9 RALTRON-CS9 Datasheet
55Kb / 3P
CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
CS9L RALTRON-CS9L Datasheet
56Kb / 3P
ULTRA HF CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
Abracon Corporation
ASLP ABRACON-ASLP Datasheet
101Kb / 1P
5Vdc or 3.3Vdc MINIATURE CERAMIC SURFACE MOUNT HCMOS OR TTL PROGRAMMABLE CLOCK OSCILLATORS
ASML ABRACON-ASML Datasheet
508Kb / 1P
3.3 Vdc HCMOS/TTL J-LEADED PLASTIC MOLDED SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
logo
STATEK CORPORATION
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CXO3M STATEK-CXO3M Datasheet
230Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CX6VSM STATEK-CX6VSM_08 Datasheet
128Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CXO3M STATEK-CXO3M_12 Datasheet
295Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
logo
Raltron Electronics Cor...
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
CLDL RALTRON-CLDL Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com