Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASF1
Description  5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASF1 Datasheet(HTML) 1 Page - Abracon Corporation

  ASF1 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.0 Vdc or 3.3 Vdc • LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT
CRYSTAL CLOCK OSCILLATORS
ASF1, ASFL and ASFL1
APPLICATIONS:
• CCD clock for VTR camera.
• Equipment connected to PC or PC cards.
• Thin equipment.
FEATURES:
• Compact and low in height.(1.6 mm or 1.2 mm max.)
• Suitable for high density SMT., Reflow capable.
• Low current consumption.
• Tight stability option.
• Tri state function.
• Glass sealed package.
PARAMETERS
ASF1
ASFL
ASFL1
STANDARD SPECIFICATIONS
Frequency Range
(Fo)
1.50MHz ~ 125MHz
Operating Temperature
(TOPR)
-10°C to +70°C
Storage Temperature
(TSTO)
-50°C to +125°C
Frequency Stability
(
∆F/ Fo)
±100ppm max.
(See Options)
Supply Voltage
(Vdd)
5.0 Vdc ±10%
3.3Vdc ±10%
Input Current
(
Idd)
20m A max.
12mA max. for (F < 33MHz)
45m A max.
25mA max. for (F < 50MHz)
50m A max.
35mA max. for (F < 70MHz)
100m A max.
60mA max. for (F < 125MHz)
Duty Cycle or Symmetry
40 / 60% max.
(See Options)
Rise and Fall Times
(TR / TF)
6ns max.
Output Load
5TTL or 15pF(50pF max.) 5TTL or 15pF(30pF max.) for F < 70MHz
2TTL or 15pF
2TTL or 15pF for F > 70MHz
Output Voltage
(VOH)
“1” 0.9 * Vdd min.
(VOL)
“0” 0.1* Vdd max.
Tri-State Function
Start-up Time
10ms max.
Aging per Year
±5ppm @ 25°C
ASFX X- Frequency - Temperature - Overall Frequency Stability - Duty Cycle - Packaging
XX.XXXXX MHz
-J for ± 20ppm max.
*
-R for ± 25ppm max.
*
-K for ± 30ppm max.
*
-H for ± 35ppm max.
*
-B for ± 40ppm max.
-C for ± 50ppm max.
PIN
FUNCTION
N0.
1
Tri State
2
GND / Case
3
Output
4Vdd
“1” or Open: Oscillation
>
_ 2.2V
“0”: Output disabled (Hi Z)
< 0.8V
Blank or 1
-T
(Tape & Reel)
-S for 45 / 55% @ 1
/2 Vdd
Connect a By-Pass capacitor 0.01
µ F between Vdd and GND.
Environmental, and mechanical specifications, see appendix C. Group 2.
Marking, see appendix G. Test circuit, waveforms, see appendix B.
Tape and Reel, see appendix H.(1,000 pcs / reel).
Reflow profile, see appendix E.
Application notes, see appendix A.
ASFL
ASF1, ASFL1
0.063+.006
(1.6+0.15)
0.043+.004
(1.1+0.1)
* Vary with frequency and temperature.
Dimensions: Inches (mm)
5.0 x 3.2 x 1.6 mm
- E for -20°C to + 70°C
- F for -30°C to + 70°C
- N for -30°C to + 85°C
- L for -40°C to + 85°C
ORDERING OPTIONS
P/N
H
Blank or
L
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


Similar Part No. - ASF1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASF1 ABRACON-ASF1 Datasheet
193Kb / 2P
5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF130 ASB-ASF130 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF130 ASB-ASF130_17 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
More results

Similar Description - ASF1

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CS9 RALTRON-CS9 Datasheet
55Kb / 3P
CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
CS9L RALTRON-CS9L Datasheet
56Kb / 3P
ULTRA HF CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
Abracon Corporation
ASLP ABRACON-ASLP Datasheet
101Kb / 1P
5Vdc or 3.3Vdc MINIATURE CERAMIC SURFACE MOUNT HCMOS OR TTL PROGRAMMABLE CLOCK OSCILLATORS
ASML ABRACON-ASML Datasheet
508Kb / 1P
3.3 Vdc HCMOS/TTL J-LEADED PLASTIC MOLDED SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
logo
STATEK CORPORATION
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CXO3M STATEK-CXO3M Datasheet
230Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CX6VSM STATEK-CX6VSM_08 Datasheet
128Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CXO3M STATEK-CXO3M_12 Datasheet
295Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
logo
Raltron Electronics Cor...
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
CLDL RALTRON-CLDL Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com