| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
STB80NF03L-04
|
57Kb / 7P |
N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET
Mar-2000 |
|
STB85NF55
|
376Kb / 10P |
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003 |
|
STB85NF55L
|
370Kb / 10P |
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002 |
|
STP40NF03L
|
82Kb / 8P |
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999 |
|
STP60NF03L
|
46Kb / 6P |
N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
Sep-1999 |
|
STP80NF03L-04-1
|
360Kb / 11P |
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003 |
|
STP80NF55L-06
|
83Kb / 8P |
N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
Oct-1999 |
|
STB140NF55
|
280Kb / 11P |
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004 |
|
STB230NH03L
|
414Kb / 13P |
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007 |
|
STP80NF03L
|
214Kb / 8P |
N-CHANNEL 30V - 0.004 - 80A TO-220 STripFET II MOSFET
|