Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP80NF03 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP80NF03
Description  N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF03 Datasheet(HTML) 2 Page - STMicroelectronics

  STP80NF03 Datasheet HTML 1Page - STMicroelectronics STP80NF03 Datasheet HTML 2Page - STMicroelectronics STP80NF03 Datasheet HTML 3Page - STMicroelectronics STP80NF03 Datasheet HTML 4Page - STMicroelectronics STP80NF03 Datasheet HTML 5Page - STMicroelectronics STP80NF03 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj -amb
Rthc-sink
T l
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature F or Soldering Purpose
0.7
62.5
0.5
300
oC/W
oC/ W
oC/W
oC
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
30
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID = 250
µA1
1.7
2. 5
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V
ID =40 A
VGS =4.5V
ID =40 A
0.0034
0.0042
0.004
0.0055
ID(o n)
On State Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
80
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(o n) xRDS(on )max
ID =15 A
50
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
7000
1700
600
pF
pF
pF
STP80NF03L-04
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com