Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP80NF03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP80NF03
Description  N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF03 Datasheet(HTML) 1 Page - STMicroelectronics

  STP80NF03 Datasheet HTML 1Page - STMicroelectronics STP80NF03 Datasheet HTML 2Page - STMicroelectronics STP80NF03 Datasheet HTML 3Page - STMicroelectronics STP80NF03 Datasheet HTML 4Page - STMicroelectronics STP80NF03 Datasheet HTML 5Page - STMicroelectronics STP80NF03 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP80NF03L-04
N-CHANNEL 30V - 0.0034
Ω - 80A TO-220
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.0034
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting
transistor shows extremely high packing density
for
low
on-resistance,
rugged
avalance
characteristics and less critical alignment steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc. )
®
INTERNAL SCHEMATIC DIAGRAM
November 1999
T YPE
VDSS
RDS(on)
ID
STP80NF03L-04
30 V
< 0. 004
Ω
80 A
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Volt age
± 20
V
ID(
••)
Drain Current (continuous) at Tc =25
oC80
A
ID
Drain Current (continuous) at Tc = 100
oC56
A
IDM(
•)
Drain Current (pulsed)
320
A
Ptot
T otal Dissipation at Tc =25
oC
210
W
Derating Factor
1.43
W /
oC
EAS (1)
Single Pulse Avalanche Energy
2
J
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(
••) Current limited by package
(1
) starting Tj =25 oC, ID =40A , VDD =15V
1/6


Similar Part No. - STP80NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF03L STMICROELECTRONICS-STP80NF03L Datasheet
214Kb / 8P
N-CHANNEL 30V - 0.004 - 80A TO-220 STripFET II MOSFET
logo
Inchange Semiconductor ...
STP80NF03L ISC-STP80NF03L Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
363Kb / 11P
N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Feb-2003
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
More results

Similar Description - STP80NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF03L-04 STMICROELECTRONICS-STB80NF03L-04 Datasheet
57Kb / 7P
N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET
Mar-2000
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
Sep-1999
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
Oct-1999
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
STP80NF03L STMICROELECTRONICS-STP80NF03L Datasheet
214Kb / 8P
N-CHANNEL 30V - 0.004 - 80A TO-220 STripFET II MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com