Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet (PDF) - Renesas Technology Corp

M306V2EEFS Datasheet PDF - Renesas Technology Corp
Part # M306V2EEFS
Download  M306V2EEFS Download
File Size   2347.6 Kbytes
Page   271 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

M306V2EEFS Datasheet (PDF)

Go To PDF Page Download Datasheet
M306V2EEFS Datasheet PDF - Renesas Technology Corp

Part # M306V2EEFS
Download  M306V2EEFS Click to download

File Size   2347.6 Kbytes
Page   271 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

M306V2EEFS Datasheet (HTML) - Renesas Technology Corp


M306V2EEFS Product details

DESCRIPTION
The M306V2ME-XXXFP and M306V2EEFP are single-chip microcomputers using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. They also feature a built-in OSD display function and data slicer, making them ideal for controlling TV with a closed caption decoder.
The features of the M306V2EEFP are similar to those of the M306V2ME-XXXFP except that this chip has a built-in PROM which can be written electrically.

Features
• Memory size ........................................<ROM>192K bytes
                                                                <RAM> 5K bytes
                                                                <OSD ROM> 61K bytes
                                                                <OSD RAM> 2.2K bytes
• Shortest instruction execution time ......100 ns (f(XIN)=10 MHz)
• Power sourse voltage ..........................4.5 V to 5.5V
• Power consumption .............................250 mW
• Interrupts..............................................21 internal and 3 external interrupt sources, 4 software
   interrupt sources; 7 levels
• Multifunction 16-bit timer......................2 output timers + 3 input timers + 3 timers
• Serial I/O ..............................................3 units
                                                                 UART/clock synchronous: 2
                                                                 Multi-master I2C-BUS interface 0 (2 systems): 1
                                                                 Multi-master I2C-BUS interface 1 (1 system): 1
• DMAC ..................................................2 channels (trigger: 23 sources)
• A-D converter.......................................8 bits ✕ 6 channels
• D-A converter.......................................8 bits ✕ 2 channels
• Data slicer ............................................1 circuit
• HSYNC counter .....................................1 circuit (2 systems)
• OSD function .......................................1 circuit
• Watchdog timer....................................1 circuit
• Programmable I/O ...............................78 lines
• Memory expansion ..............................Available
• Chip select output ................................4 lines
• Clock generating circuit .......................3 built-in clock generation circuits

Applications
   TV with a closed caption decoder




Similar Part No. - M306V2EEFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V2EEFS MITSUBISHI-M306V2EEFS Datasheet
1Mb / 276P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
More results


Similar Description - M306V2EEFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V0ME MITSUBISHI-M306V0ME Datasheet
2Mb / 256P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V2ME MITSUBISHI-M306V2ME Datasheet
1Mb / 276P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V5ME MITSUBISHI-M306V5ME Datasheet
1Mb / 262P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
M306V5ME-XXXSP MITSUBISHI-M306V5ME-XXXSP Datasheet
2Mb / 262P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
6V7 RENESAS-6V7 Datasheet
2Mb / 298P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V5ME-XXXSP RENESAS-M306V5ME-XXXSP Datasheet
2Mb / 263P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V7MG RENESAS-M306V7MG_15 Datasheet
2Mb / 300P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com