Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 2Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 3Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 4Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 5Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 6Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 7Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 8Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 9Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 271 page
background image
M306V2ME-XXXFP, M306V2EEFP
Rev.1.40
Oct 06, 2004 page 6 of 269
Figure 1.5.1 Type No., memory size, and package
Currently supported products are listed below.
Table 1.5.2 List of supported products
Note: Since EPROM version is for development support tool (for evaluation), do not use for mass produc-
tion.
RAM capacity
ROM capacity
Package type
Remarks
Type No
M306V2ME-XXXFP
5K bytes
Mask ROM version
One Time PROM version
M306V2EEFP
192K bytes
100P6S-A
192K bytes
5K bytes
100P6S-A
EPROM version
M306V2EEFS
192K bytes
100D0
5K bytes
Package type:
FP
: Package
100P6S-A
FS
: Package
100D0
ROM No.
Omitted for One Time PROM version
and EPROM version
ROM capacity:
E : 192K bytes
Memory type:
M : Mask ROM version
E : One Time PROM version or EPROM
version
Type No.
M 3 0 6 V 2 M E – X X X F P
M16C/6V Group
M16C Family
Shows RAM capacity, pin count, etc
(The value itself has no specific meaning)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com